전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5666-5 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 TDA5666-5
상세설명  Video Modulator for FM-Audio
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5666-5 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

Back Button TDA5666-5 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TDA 5666-5
Semiconductor Group
7
AC/DC-Characteristics
TA = 25
oC; V
S = 12 V
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min.
typ.
max.
Source
Current consumption
Current consumption
I8
I13 + I15
15
2.0
20
2.6
26
3.4
mA
mA
I2 = 0 mA
1
Reference voltage
V2
6.75
7.25
7.75
V
0
≤ I
2 ≤ 1 mA
1
Oscillator
Oscillator frequency
range
fOSC
30
860
MHz
external circuitry
adjusted to
frequency
Switch-on, warm up drift; (TC-value of capacitor in osc. circuit is 0) drift is referenced only to
selfheating of the component.
∆ f
OSC
0
0
– 50
– 200
– 500
– 500
kHz
Ch 30
kHz
Ch 40
t = 0.5-10 s;
TA = const.
1
1
Frequency drift as
function of VS
∆ f
OSC
–150
150
kHz
VS = 10-13.5 V
TA = const.;
Ch 40
1
RF-output
impedance
R13; R15
C13 = C15
10
0.5
1
2.0
k
pF
parallel
equivalent circuit
parallel
equivalent circuit
1
1
RF-output voltage
VQ
2.5
4.5
5.5
mVrms Ch 40; video
100% white;
without audio-
signal
1
RF-output phase
α
13, 15
140
180
220
deg
RF-output voltage
changes
∆V
Q
∆V
Q
∆V
Q
0
0
0
1.5
1.5
1.5
dB
dB
dB
f = 543-623 MHz
Ch 30...40
f = 100-300 MHz
f = 48-100 MHz
1
1
1
Intermodulation ratio
α
IMR
50
75
dB
fVC + 1.07 MHz
2
Harmonic wave ratio
α
O
35
dB
fVC + 8.8 MHz
without video
2


유사한 부품 번호 - TDA5666-5

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
TDA5664 SIEMENS-TDA5664 Datasheet
307Kb / 19P
   5V-Modulator
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
More results

유사한 설명 - TDA5666-5

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Sanyo Semicon Device
LA7058R SANYO-LA7058R Datasheet
64Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use?
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
   VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com