전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10XS3535 데이터시트(PDF) 8 Page - Freescale Semiconductor, Inc

부품명 MC10XS3535
상세설명  Smart Front Corner Light Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3535 데이터시트(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC10XS3535 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
10XS3535
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT/OUTPUT (IGN, CS, CSNS) (CONTINUED)
CSNS Tri-state Leakage Current
VCC = 5.5 V, CSNS = 5.5 V
VCC = 5.0 V, CSNS = 5.5 V
VCC = 5.0 V, CSNS = 4.5 V
ICSNSLEAK
-5.0
-10
-1.0
0
0
0
1.0
1.0
1.0
μA
Current Sense Output Clamp Voltage
CSNS open and IOUT[1:5] = IFSR
VCSNS
5.0
6.0
7.0
V
OUTPUTS (OUT 1-5)
Output Leakage Current in OFF state
Sleep mode, Outputs Grounded
Normal mode, Outputs Grounded
IOUTLEAK
0
20
2.0
25
μA
Output Negative Clamp Voltage
IOUT = - 500 mA, Outputs OFF
VOUT
-22.0
-16.0
V
Current Sense Output Precision(11)
Full-Scale Range (FSR) for LED Control bit = 0
0.75 FSR
0.50 FSR
0.25 FSR
0.10 FSR
Full-Scale Range for LED Control bit = 1 (OUT1 and OUT5 only)
0.187 FSR = 0.75 FSRLED
0.125 FSR = 0.50 FSRLED
0.062 FSR = 0.25 FSRLED
0.025 FSR = 0.10 FSRLED
δICS/ICS
-14
-15
-17
-22
-13
-13
-20
-30
14
15
17
22
13
13
20
30
%
Notes
11.
10 V < VBAT < 16 V. δICS/ICS = (measured ICS - targeted ICS)/ targeted ICS with targeted ICS = 5 mA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.0 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 2 0V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


유사한 부품 번호 - MC10XS3535

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
More results

유사한 설명 - MC10XS3535

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33480 FREESCALE-33480 Datasheet
989Kb / 39P
   Smart Front Corner Light
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
   Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
   Smart Rear Corner Light Switch (Penta 35 m廓)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
logo
List of Unclassifed Man...
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
   SMART QUAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com