전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A5167 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 Q67000-A5167
상세설명  Video Modulator for FM/AM-Audio with PLL-Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5167 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  Q67000-A5167 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5167 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Semiconductor Group
2
TDA 5670-5X
Circuit Description
Oscillator
The RF-oscillator is available at pins 3-7. The oscillator operates as a symmetrical
Colpitts circuit. The oscillator chip ground, pin 5, should be connected to ground at the
resonance circuit shielding point. An external oscillator can be injected inductively or
capacitively via pins 3 and 7. The layout of the PCB should be such as to provide a
minimum shielding attenuation between the oscillator pins 3-7 and modulator output pins
15-17 of approximately 80 dB.
For optimal residual carrier suppression, the symmetrical mixer outputs at pins 15, 17
should be connected to a matched balanced-to-unbalanced broadband transformer, e.g.
a Guanella transformer with good phase precision at 0o and 180o. The transmission loss
should be less than 3 dB. In addition, an LC-low pass filter combination is required at the
output. The cut-off frequency of the low pass filter combination must exceed the
maximum operating frequency.
Video
The video signal with the negative synchronous level is capacitively connected to pin 12.
The internal clamping circuit is referenced to the synchronizing level. Should the video
signal change by 6 dB, this change will be compensated by the resonance circuit which
is set by the peak white value. At pin 13, the current pulses of the peak white detector are
filtered through the capacitor which also determines the control time constant. The RF-
carrier switches from negative to positive video modulation, when pin 14 is connected
to ground. By varying the value of resistance R at pin 14 between
... 0 Ω the modulation
depth can be increased from 70% to 100% when the modulation is negative and
decreased from 100% to 70% when the modulation is positive.
Audio
Via pin 1, the audio signal is capacitively coupled to the AF-input for the FM-modulation
of the oscillator. A parallel resonance circuit is connected to the audio carrier oscillator at
pins 19, 20. The unloaded Q of the resonant circuit must be Q = 25 and the parallel
resistor RT = 8.2 kΩ to ensure a video to audio carrier ratio of 12.5 dB. At the same time,
the capacitative and/or inductive reactance for the resonance frequency should have a
value of XC ≈ XL ≈ 800 Ω.
Via pin 18, the audio signal is capacitively coupled to the AF-input for the AM-modulation
of the oscillator. This signal is forwarded to a mixer which is influenced by the AM-
modulation input of pin 18. The video to audio carrier ratio can be changed by connecting
an external voltage to pin 18, which deviates from the internal reference voltage.
Through an additional external dc voltage at pin 18, the set AM-modulation index can be
changed by overriding the internally adjusted control voltage for a fixed AM-modulation
index.
At the output of the above described mixer the FM and/or AM modulated audio signal is
added to the video signal and mixed with the oscillator signal in the RF-mixer.
Source
The internal reference voltage is available at pin 2 and has to be capacitively blocked
there.


유사한 부품 번호 - Q67000-A5167

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A5164 SIEMENS-Q67000-A5164 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
Q67000-A5168 SIEMENS-Q67000-A5168 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
More results

유사한 설명 - Q67000-A5167

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
TEMIC Semiconductors
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
Siemens Semiconductor G...
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com