전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13892JVL 데이터시트(PDF) 10 Page - Freescale Semiconductor, Inc

부품명 MC13892JVL
상세설명  Power Management Integrated
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892JVL 데이터시트(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13892JVL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 158 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
MC13892
PIN CONNECTIONS
M4
M5
VSRTC
3.6
Output
SRTC Supply
Output regulator for SRTC module on
processor
M5
P6
GNDRTC
Ground
Real Time Clock
Ground
Ground for the RTC block
M6
M7
VINCAMDRV
5.5
I/O
Camera Regulator
Supply Input and Driver
Output
1. Input regulator camera using internal
PMOS FET.
2. Drive output regulator for camera voltage
using external PNP device.
M7
N8
PWGTDRV2
4.8
Output
Power Gate Driver 2
Power gate driver 2
M8
L9
VDIG
3.6
Output
Digital Supply
Output regulator digital
M9
P11
VINDIG
5.5
Input
VDIG Supply Input
Input regulator digital
M10
M10
VGEN1DRV
5.5
Output
VGEN1 Driver
Drive output GEN1 regulator
M11
N13
ADIN7
4.8
Input
ADC Channel 7 Input
ADC generic input channel 7, group 1
M12
M14
TSY1
3.6
Input
Touch Screen
Interface Y1
Touch screen interface Y1
M13, N12,
N13
N14
TSREF
3.6
Output
Touch Screen
Reference
Touch screen reference
N3
M2
VINGEN3DRV
5.5
Power/Output VGEN3 Supply Input
and Driver Output
1. Input VGEN3 regulator
2. Drive VGEN3 output regulator
N4
P4
VGEN2DRV
5.5
Output
VGEN2 Driver
Drive output GEN2 regulator
N5
N5
XTAL2
2.5
Input
Crystal Connection 2
32.768 kHz oscillator crystal connection 2
N6
N6
XTAL1
2.5
Input
Crystal Connection 1
32.768 kHz oscillator crystal connection 1
N7
L8
VINAUDIO
5.5
Power
Audio Supply Input
Input regulator VAUDIO
N8
N7
VAUDIO
3.6
Output
Audio Supply
Output regulator for audio
N9
N9
VIOHI
3.6
Output
High Voltage IO Supply Output regulator high voltage IO, efuse
N10
N10
VINIOHI
5.5
Input
High Voltage IO Supply
Input
Input regulator high voltage IO
N11
M11
VGEN1
3.6
Output
General Purpose
Regulator 1
Input GEN1 regulator
Table 2. MC13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition


유사한 부품 번호 - MC13892JVL

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13892JVL FREESCALE-MC13892JVL Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892JVL FREESCALE-MC13892JVL Datasheet
5Mb / 156P
   Power Management and User Interface IC
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
   Power Management Integrated Circuit (PMIC) for the i.MX35/51
More results

유사한 설명 - MC13892JVL

제조업체부품명데이터시트상세설명
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Texas Instruments
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com