전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A5136 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 Q67000-A5136
상세설명  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5136 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  Q67000-A5136 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5136 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Semiconductor Group
35
TDA 5931-65
Characteristics
TA = 25 ˚C; VS = 12 V
The characteristics data apply to the supply voltage range
VS stated or in case of alignment to the
alignment instructions (see page 40). All static voltages are referenced to ground if not stated
otherwise.
The input levels are given as rms values referenced to synchronous peak
fPC = 38.9 MHz.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Static Characteristics
Total current consumption
I5
38.5
56
71.5
mA
V1/16 = 10 mVrms
AGC Voltage
Min. AGC
Max. AGC
V16
V16
0
2.6
0.1
2.85
0.5
6.0
V
V
V1/16 = 45 µVrms
V1/16 = 175 mVrms
AGC-Time Constant (by neg. modulation)
Charge current (
Imax:2)
Discharge current
Charge/discharge ratio
I16
I16
V16
0.55
13
55
0.7
17
82
0.95
23
140
mA
µA
V16 = 2 V; V6 < 2.2 V
V16 = 2 V; V6 > 2.8 V
AGC-Time Constant (by pos. modulation)
Charge current
Discharge current
Discharge current
Charge/discharge ratio
I16
I16
I16
V16
1.1
0.15
70
4000
1.4
0.25
90
5600
1.7
0.35
110
9000
mA
µA
µA
V16 = 2 V; V6 ≥ 4.1 V
V16 = 2 V;
3.1 V <
V6 < 4.1 V
V16 = 2 V; V6 < 2.3 V
Averaging by Pos. Modulation
White level
V13
4.9
5.7
6.5
V
V1/18 = 10 mVrms
Zero carrier level
V13
3.3
3.7
4.1
V
V1/18 = 0 V; V16 = 3 V
Tuner AGC threshold
I5 = Imax:2
V14
I14
V16
V16
4.2
650
2.8
0.33
4.5
850
3.1
0.38
4.8
1050
3.4
0.43
V
µA
V
V
R14/17 = ∞
V14 = 0 V
R14/17 = 10 kΩ
R14/17 = 10 Ω


유사한 부품 번호 - Q67000-A5136

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A5133 SIEMENS-Q67000-A5133 Datasheet
599Kb / 12P
   Dual Sound FM IF Amplifier
Q67000-A5135 SIEMENS-Q67000-A5135 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
Q67000-A5137 SIEMENS-Q67000-A5137 Datasheet
430Kb / 10P
   FM-Sound IF with SCART Switch and Volume Control
More results

유사한 설명 - Q67000-A5136

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com