전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A5123 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 Q67000-A5123
상세설명  Video IF with FPLL, MAC State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5123 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67000-A5123 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A5123 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Semiconductor Group
69
TDA 6050-5
AC Characteristics
TA = 0 to 85 ˚C; VS = 12 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Min. IF-input voltage
(min. AGC)
Max. IF-input voltage
(max. AGC)
V1-2, V19-20
V1-2, V19-20 90
45
100
60
µVrms
mVrms
IF-control range
V
63
70
dB
Video output
V15
2.7
3.0
3.3
Vpp
V1-2, V19-20 = 10 mVrms
R15-18 = 1.5 kΩ
Changes via control
range
Changes via supply
voltage range
V
15
V
15
3
2
6
4
%
%
Control range = 55 dB
10.8 V <
V17 < 13.2 V


유사한 부품 번호 - Q67000-A5123

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A5126 SIEMENS-Q67000-A5126 Datasheet
1Mb / 31P
   TV STEREO PROCESSOR
Q67000-A5127 SIEMENS-Q67000-A5127 Datasheet
1Mb / 32P
   TV-Stereo Processor
More results

유사한 설명 - Q67000-A5123

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
U4460BG TEMIC-U4460BG Datasheet
166Kb / 9P
   Video IF Amplifier with FPLL Demodulation
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
NXP Semiconductors
TDA5510-2 PHILIPS-TDA5510-2 Datasheet
138Kb / 5P
   Video IF IC with VTR Connection
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
   VIDEO & SOUND IF SYSTEM
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
National Semiconductor ...
TDA440 NSC-TDA440 Datasheet
202Kb / 4P
   TDA440 Video IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com