전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6920 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 TDA6920
상세설명  7 x 5 Video Matrix Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6920 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  TDA6920 Datasheet HTML 1Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 2Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 3Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 4Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 5Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 8Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
P-DIP-18-5
P-DSO-28-1
7 x 5 Video Matrix Switch
TDA 6920
Semiconductor Group
1
12.96
1
Overview
1.1
Features
q
Fast I2C Bus controlled (max. 400 kHz)
q
Cascadable (2 bus addresses)
q
7 CVBS inputs, 5 outputs
3 inputs with clamp disable by bus
q
1 input selectable as Y-input (S-VHS)
q
1 additional C-input (S-VHS)
q
Y+C operation for S-VHS
selected by bus
q
Fully ESD protected
q
– 60 dB max. crosstalk at 5 MHz (P-DSO-28-1 only)
q
Low operating voltage of 7.5 V
q
5 V operation is possible with reduced output signals
of max. 2 Vpp
q
15 MHz minimum bandwidth
q
Noise insensitive clamping inputs
q
Low impedance off condition
separate for each output
1.2
General Description
The TDA 6920 switches 7 video input sources to 5 outputs. Each output can be switched
to only one input, but one input can be switched to all outputs. The C-input may be
combined with one CVBS input as Y for Y+C (S-VHS) operation. Y+C operation is
selected by bus.
1.3
Application
q
Television sets
q
Satellite receivers
q
Video mixing desks
Type
Ordering Code
Package
TDA 6920
Q67000-A5200
P-DIP-18-5
TDA 6920X
Q67007-A5225 GEG
P-DSO-28-1


유사한 부품 번호 - TDA6920

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA6050-5 SIEMENS-TDA6050-5 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
More results

유사한 설명 - TDA6920

제조업체부품명데이터시트상세설명
logo
Rohm
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
   5 x 7 matrix displays
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
   5 x 7 DOT MATRIX LED DISPLAY
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
   0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com