전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9108 데이터시트(PDF) 9 Page - Siemens Semiconductor Group

부품명 Q67000-A9108
상세설명  Intelligent Sixfold Low-Side Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9108 데이터시트(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67000-A9108 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A9108 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLE 4216 G
Semiconductor Group
9
Characteristics
V
S = 5 to 12 V; Tj = – 25 to 140 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
General
Supply current
Supply current
Quiescent current
I
S
I
S
I
S
50
36
8
70
50
11
mA
mA
mA
V
I > VIH; VIP > VIH
V
I > VIH; VIP > VIH;
V
S =5 V
V
I < VIL; VIP > VIH
Logic (Control inputs + preferred state)
H-switching threshold
L-switching threshold
Hysteresis
Input current
Input current
L-input current
V
IH
V
IL
V
I
I
I
I
IL
1.3
0.9
0.3
–2
0
1.8
1.2
0.6
2.1
1.5
1.0
2
20
V
V
V
µA
µA
0.9 V <
V
I < 6 V
0.5 V <
V
I < 0.9 V
Switching Stages
Load current
Saturation voltage
Saturation voltage
Saturation voltage
Turn-ON time
Turn-OFF time
I
Q1-Q4
V
QSat 5, 6
V
QSat 1-4
V
QSat 1-4
t
D-ON
t
D-OFF
50
0.2
0.2
0.5
0.4
1
1
0.8
0.6
0.22
1.5
1.5
mA
V
V
V
µs
µs
V
S = 2 V
(preferred state)
I
Q = 0.4 A; VI > VIH
I
Q = 50 mA; VI > VIH
I
Q = 20 mA; VI > VIH
see Diagrams
see Diagrams;
I
L = Imax


유사한 부품 번호 - Q67000-A9108

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A9101 SIEMENS-Q67000-A9101 Datasheet
100Kb / 12P
   4-A DC Motor Driver
Q67000-A9103 SIEMENS-Q67000-A9103 Datasheet
142Kb / 22P
   2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
Q67000-A9109 SIEMENS-Q67000-A9109 Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
More results

유사한 설명 - Q67000-A9108

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4226G INFINEON-TLE4226G Datasheet
528Kb / 16P
   Intelligent Sixfold Low-Side Switch
2002-10-21
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com