전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D0113MT-25-1302 데이터시트(PDF) 2 Page - Newhaven Display International, Inc.

부품명 D0113MT-25-1302
상세설명  Vacuum Fluorescent Display Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEWHAVEN [Newhaven Display International, Inc.]
홈페이지  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

D0113MT-25-1302 데이터시트(HTML) 2 Page - Newhaven Display International, Inc.

  D0113MT-25-1302 Datasheet HTML 1Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 2Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 3Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 4Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 5Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
October 31, 2006
Vacuum Fluorescent Display
Specification
PART NUMBER:
D0113MT-25-1302
FEATURES: 13 Digits, 7-Segmented, Instrumentation
APPLICATION: Character Display (7-Segmented)
RATINGS: Below
Panel Length
P.L.
129.0
mm
Outer Dimensions
Panel Height
P.H.
25.0
mm
Panel Thickness
P.T.
7.5
mm
Leads
Lead Pitch
L.P.
2.54
mm
Lead Out
-
SIL
Character Size
Character Height
C.H.
9.6
mm
Character Width
C.W.
4.6
mm
Item
Symbol
Min.
Recommended
Max.
Unit
Filament Voltage
Ef
4.4
4.9
5.3
Vac
Peak Grid Voltage
ec
-
25.0
30.0
Vp-p
Peak Anode Voltage
eb
-
25.0
30.0
Vp-p
-
tp
-
-
-
-
Duty
Cycle
Du
-
1/17.5
-
-
Pulse Width
tp
-
80
-
uS
Operating Temperature
Topr
-20
-
+70
C
Storage Temperature
Tstg
-55
-
+ 80
C
Color of Illumination
Green
-1-


유사한 부품 번호 - D0113MT-25-1302

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D01131 ETC2-D01131 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01132 ETC2-D01132 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01133 ETC2-D01133 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01135 ETC2-D01135 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01136 ETC2-D01136 Datasheet
114Kb / 1P
   Single Coil Spring Washers
More results

유사한 설명 - D0113MT-25-1302

제조업체부품명데이터시트상세설명
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
D0116LY-29-1603 NEWHAVEN-D0116LY-29-1603 Datasheet
460Kb / 6P
   Vacuum Fluorescent Display Specification
D0116SY-20-1601FB NEWHAVEN-D0116SY-20-1601FB Datasheet
712Kb / 7P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
   Vacuum Fluorescent Display Specification
D0220LD-48-4002F NEWHAVEN-D0220LD-48-4002F Datasheet
255Kb / 6P
   Vacuum Fluorescent Display Specification
D0109MT-20-0901 NEWHAVEN-D0109MT-20-0901 Datasheet
861Kb / 5P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com