전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D04271-000 데이터시트(PDF) 8 Page - Tyco Electronics

부품명 D04271-000
상세설명  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

D04271-000 데이터시트(HTML) 8 Page - Tyco Electronics

Back Button D04271-000 Datasheet HTML 4Page - Tyco Electronics D04271-000 Datasheet HTML 5Page - Tyco Electronics D04271-000 Datasheet HTML 6Page - Tyco Electronics D04271-000 Datasheet HTML 7Page - Tyco Electronics D04271-000 Datasheet HTML 8Page - Tyco Electronics D04271-000 Datasheet HTML 9Page - Tyco Electronics D04271-000 Datasheet HTML 10Page - Tyco Electronics D04271-000 Datasheet HTML 11Page - Tyco Electronics D04271-000 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
141
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
AM6310 Heavy duty dot matrix printer
Printers
Specifically designed by Tyco Electronics, the AM6310 is a heavy
duty industrial dot matrix printer with a high impact 24-pin print
head. Automatic media thickness detection and a high impact
print head make the AM6310 the best industrial printer available
for heavy gauge wire marker and tag materials, and the 24-pin
print head produces high quality text printing with fast print
speeds. Standard AM6310 printer models are designed to print
on Tyco Electronics HSI wire marker sleeves and dot matrix
pressure sensitive label and tag products. AM6310D models are
equipped with dual tractor mechanism necessary for guiding TMS
sleeve product range. Such dual tractor models can also print on
HSI and dot matrix label and tag product range.
Printer specifications
Tyco Electronics
TTDS-002
Print head
24-pin high-impact dot matrix
Print speed
Max. high-speed draft: 600 cps at 12 cpi
Letter quality: 160 cps at 12 cpi
Print direction
Bi-directional, logic seeking
Control panel
LCD, 12 keys, select-dial and
quick access setup menu
Feed mechanism
Tractor (single or dual)
Memory
2 MB flash
Input buffer
80 KB
Communication interface
Parallel port (centronics 36-pin) and
serial port (RS232/DB25)
Printer dimensions
483 mm W x 427 mm D x 208 mm H
19.0
" W x 16.0" D x 8.2" H
Printer weight
18.1 kg (40 lbs)
Media specifications
Maximum print width
279 mm (11.0
")
Maximum media width
305 mm (12.0
")
Minimum media width
25 mm (1.0
")
Product order code
Description
AM6310-110V
Tyco Electronics AM6310 dot matrix
printer – standard 110 V
AM6310-230V
Tyco Electronics AM6310 dot matrix
printer – standard 230 V
AM6310D-110V
Tyco Electronics AM6310 dot matrix
printer – dual tractor 110 V
AM6310D-230V
Tyco Electronics AM6310 dot matrix
printer – dual tractor 230 V
New at Tyco Electronics. Ultra clean dot martrix labels!
Process Improvement - Web Cleaning
To address reported issues with our dot matrix label stock, we sought out equipment
that would help us to remove containments from the label surface and imrpove overall
printability. This contact cleaning/tacky roll system was integrated into our rewind
tables to remove small to microscopic particles down to 1 micron from the label sur-
face. Flood coating the web with black ink showed a cleaning efficiency that was
beyond our expectations.
This 12" roller vacuum style construction helps to reduce waste, imrpove product
quality and save production loss. Containments tend to attach themselves to the labels
surface due to static electricity and moisture which require stringent cleaning tech-
niques. Since implementing the web cleaners, we have seen huge improvements in the
cleanliness of our label stock which has drastically reduced the potential for printing
issues.


유사한 부품 번호 - D04271-000

제조업체부품명데이터시트상세설명
logo
Newhaven Display Intern...
D0420SD-42-2001FN NEWHAVEN-D0420SD-42-2001FN Datasheet
1Mb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001F NEWHAVEN-D0420SD-53-4001F Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001FN NEWHAVEN-D0420SD-53-4001FN Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
More results

유사한 설명 - D04271-000

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com