전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9003 데이터시트(PDF) 17 Page - Siemens Semiconductor Group

부품명 Q67000-A9003
상세설명  5-V Low-Drop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9003 데이터시트(HTML) 17 Page - Siemens Semiconductor Group

Back Button Q67000-A9003 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 13Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 14Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 15Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 16Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 17Page - Siemens Semiconductor Group Q67000-A9003 Datasheet HTML 18Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TLE 4261
Semiconductor Group
17
1998-11-01
Package Outlines (cont’d)
0.4 +0.1
2.6
10.2
3.75
+0.1
+0.4
10
-0.2
1.27
17
7x
M
0.6
+0.1
0.6
1)
-0.15
-0.15
1) 0.75
1) 0.75
im Dichtstegbereich (max 1.8 vom Körper)
at dam bar (max 1.8 from body)
1.27 +0.1
4.6
1 x 45˚
-0.2
P-TO220-7-2
(Plastic Transistor Single Outline)
Weight approx. 2.1 g
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm


유사한 부품 번호 - Q67000-A9003

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A9025 SIEMENS-Q67000-A9025 Datasheet
133Kb / 13P
   1-A DC Motor Driver
Q67000-A9044 SIEMENS-Q67000-A9044 Datasheet
139Kb / 14P
   5-V Low-Drop Voltage Regulator
Q67000-A9062 SIEMENS-Q67000-A9062 Datasheet
215Kb / 8P
   Smart Low-Side Switch
Q67000-A9094 SIEMENS-Q67000-A9094 Datasheet
371Kb / 16P
   Intelligent Double Low-Side Switch 2 x 0.5 A
Q67000-A9096 SIEMENS-Q67000-A9096 Datasheet
161Kb / 18P
   3-A DC Motor Driver
More results

유사한 설명 - Q67000-A9003

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com