전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9257 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 Q67000-A9257
상세설명  Low-Drop Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9257 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  Q67000-A9257 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9257 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLE 4274
Semiconductor Group
5
1998-11-01
Characteristics
V
I = 13.5 V; – 40 °C < Tj <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V50-Version
V
Q
4.8
5
5.2
V
5mA <
I
Q <400 mA
6V <
V
I <40 V
Output voltage
V85-Version
V
Q
8.16
8.5
8.84
V
5mA <
I
Q <400 mA
9.5 V <
V
I <40V
Output voltage
V10-Version
V
Q
9.6
10
10.4
V
5mA <
I
Q <400 mA
11 V <
V
I <40V
Output current
limitation
1)
I
Q
400
600
mA
Current
consumption;
I
q = II IQ
I
q
100
220
µA
I
Q =1 mA
Current
consumption;
I
q = II IQ
I
q
I
q
8
20
15
30
mA
mA
I
Q = 250 mA
I
Q = 400 mA
Drop voltage
1)
V
dr
250
500
mV
I
Q = 250 mA
V
dr = VI VQ
Load regulation
∆V
Q
2050mV
I
Q =5 mA to
400 mA
Line regulation
∆V
Q
1025mV
∆V
l = 12 V to 32 V
I
Q =5 mA
Power supply
ripple rejection
PSRR
–60
dB
f
r = 100 Hz;
V
r =0.5 VSS
Temperature
output voltage
drift
–0.5
mV/K –
1)
Measured when the output voltage V
Q has dropped 100 mV from the nominal value obtained at VI =13.5V.
dVQ
dT
-----------


유사한 부품 번호 - Q67000-A9257

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A9209-A801 SIEMENS-Q67000-A9209-A801 Datasheet
121Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9209-A903 SIEMENS-Q67000-A9209-A903 Datasheet
121Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9210-A901 SIEMENS-Q67000-A9210-A901 Datasheet
128Kb / 20P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9210-C801 SIEMENS-Q67000-A9210-C801 Datasheet
128Kb / 20P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9230 SIEMENS-Q67000-A9230 Datasheet
918Kb / 27P
   SMPS-IC with MOSFET Driver Output
More results

유사한 설명 - Q67000-A9257

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com