전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67006-A9308 데이터시트(PDF) 16 Page - Siemens Semiconductor Group

부품명 Q67006-A9308
상세설명  Dual Low-Drop Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67006-A9308 데이터시트(HTML) 16 Page - Siemens Semiconductor Group

Back Button Q67006-A9308 Datasheet HTML 12Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 13Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 14Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 15Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 16Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 17Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 18Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 19Page - Siemens Semiconductor Group Q67006-A9308 Datasheet HTML 20Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TLE 4470
Semiconductor Group
16
1998-11-01
Figure 5
Early Warning
The early warning function compares a voltage defined by the user to an internal
reference voltage. Therefore the voltage to be supervised has to be scaled down by an
external voltage divider in order to compare it to internal sense threshold (reference
voltage) which is typically 1.35 V. The sense out pin is set to low when the user defined
voltage falls below this threshold.
A typical example where this circuit can be used is to supervise the input voltage
V
I to
give the microprocessor a prewarning of a low battery condition.
Calculation of the voltage divider can be easily done since the sense input current can
be neglected.
To minimize transient influences the use of a capacitor in parallel to
R
2 is recommended.
Like the reset output pin, the sense out pin SQ is internally connected to the stand-by
output Q1 via a 30 k
Ω pull-up resistor. The sense out LOW signal at pin SQ is generated
down to an input voltage
V
I1 of 3 V typical.
AES02505
1
Band-Gap
Reference
Reference
Band-Gap
+
_
RADJ
RO
Q1
V
VI1
GND
R
1
2
R
30 k
1.35 V
1.35 V
_
<
TLE 4470 G


유사한 부품 번호 - Q67006-A9308

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67006-A9304 SIEMENS-Q67006-A9304 Datasheet
42Kb / 9P
   5-V Voltage Regulator
Q67006-A9306 SIEMENS-Q67006-A9306 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Q67006-A9307 SIEMENS-Q67006-A9307 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
More results

유사한 설명 - Q67006-A9308

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com