전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-12-0974 데이터시트(PDF) 2 Page - FCI connector

부품명 GS-12-0974
상세설명  TRX10GDP0310C1 (SFP LR Module)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI-CONNECTOR [FCI connector]
홈페이지  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0974 데이터시트(HTML) 2 Page - FCI connector

  GS-12-0974 Datasheet HTML 1Page - FCI connector GS-12-0974 Datasheet HTML 2Page - FCI connector GS-12-0974 Datasheet HTML 3Page - FCI connector GS-12-0974 Datasheet HTML 4Page - FCI connector GS-12-0974 Datasheet HTML 5Page - FCI connector GS-12-0974 Datasheet HTML 6Page - FCI connector GS-12-0974 Datasheet HTML 7Page - FCI connector GS-12-0974 Datasheet HTML 8Page - FCI connector GS-12-0974 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NUMBER
GS-12-0974
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDP0310C1 (SFP+ LR Module)
2 of 14
A
AUTHORIZED BY
DATE
J. Blank
11 July 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Table of Contents
Table of Contents ......................................................................................................................................... 2
Functional Description ................................................................................................................................. 3
Electrical Characteristics ............................................................................................................................. 4
Absolute Maximum Ratings......................................................................................................................... 4
Recommended Operating Conditions.......................................................................................................... 4
Low Speed Characteristics.......................................................................................................................... 4
SFI Module Transmitter Input Characteristics.............................................................................................. 5
SFI Module Receiver Output Characteristics............................................................................................... 5
Optical Characteristics................................................................................................................................. 6
General Parameters .................................................................................................................................... 6
Optical Transmitter ...................................................................................................................................... 6
Optical Receiver.......................................................................................................................................... 6
Application Information................................................................................................................................ 7
Connector Pinout......................................................................................................................................... 7
Electrical Pin Definition................................................................................................................................ 7
Application Schematics ............................................................................................................................... 8
Interfacing the Transceiver.......................................................................................................................... 9
Digital Optical Monitoring ............................................................................................................................ 9
Module Outline .......................................................................................................................................... 10
Module Safety & Compliance..................................................................................................................... 11
ESD & Electromagnetic Compatibility....................................................................................................... 11
Eye Safety ................................................................................................................................................... 12
Ordering Information .................................................................................................................................. 13
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


유사한 부품 번호 - GS-12-0974

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

유사한 설명 - GS-12-0974

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
   AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AR-SFP-10G-LR-C ATGBICS-AR-SFP-10G-LR-C Datasheet
570Kb / 10P
   AR-SFP-10G-LR Arista Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
EX-SFP-10GE-LR-C ATGBICS-EX-SFP-10GE-LR-C Datasheet
367Kb / 10P
   EX-SFP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AHCC-SFP-10G-LR-C ATGBICS-AHCC-SFP-10G-LR-C Datasheet
570Kb / 10P
   AHCC-SFP-10G-LR Aerohive Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AXSK-SFP+LR-C ATGBICS-AXSK-SFP+LR-C Datasheet
569Kb / 10P
   AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
FN-TRAN-SFP+LR-C ATGBICS-FN-TRAN-SFP+LR-C Datasheet
570Kb / 10P
   FN-TRAN-SFPLR Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com