전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-20-094 데이터시트(PDF) 5 Page - FCI connector

부품명 GS-20-094
상세설명  ZipLine Connector System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI-CONNECTOR [FCI connector]
홈페이지  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-20-094 데이터시트(HTML) 5 Page - FCI connector

  GS-20-094 Datasheet HTML 1Page - FCI connector GS-20-094 Datasheet HTML 2Page - FCI connector GS-20-094 Datasheet HTML 3Page - FCI connector GS-20-094 Datasheet HTML 4Page - FCI connector GS-20-094 Datasheet HTML 5Page - FCI connector GS-20-094 Datasheet HTML 6Page - FCI connector GS-20-094 Datasheet HTML 7Page - FCI connector GS-20-094 Datasheet HTML 8Page - FCI connector GS-20-094 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NUMBER
GS-20-094
TYPE
APPLICATION SPECIFCATION
TITLE
PAGE
REVISION
5 of 23
B
AUTHORIZED BY
DATE
ZipLine
TM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright 2006 FCI
4.4.
COMPATIBILITY WITH HARD METRIC PRODUCTS
The ZipLine™ Connector System is compatible with hard metric standards in that the board to board distance
between mated connectors is 12.5 mm for both perpendicular and coplanar applications. See Figure 5 and Table
1 for dimensions relative to the top surface of the receptacle card.
Form E-3334
Rev F
GS-01-001
DIM B
12.5m
DIM A
DIM B
12.5m
DIM A
Figure 5: Side views of the ZipLine™ Connector System (6 pair connectors shown)
Connector
Height
DIM A
(top surface of receptacle card to
top surface of header housing)
DIM B
(top surface of receptacle card to
bottom surface of header housing)
6 pair
21.3mm MAX
5.5mm MAX
Table1: Connector dimensions relative to the receptacle card
PDM: Rev:B
Released
.
STATUS:
Printed: Nov 28, 2010


유사한 부품 번호 - GS-20-094

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

유사한 설명 - GS-20-094

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-12-452 FCI-CONNECTOR-GS-12-452 Datasheet
305Kb / 13P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com