전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-20-094 데이터시트(PDF) 7 Page - FCI connector

부품명 GS-20-094
상세설명  ZipLine Connector System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI-CONNECTOR [FCI connector]
홈페이지  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-20-094 데이터시트(HTML) 7 Page - FCI connector

Back Button GS-20-094 Datasheet HTML 3Page - FCI connector GS-20-094 Datasheet HTML 4Page - FCI connector GS-20-094 Datasheet HTML 5Page - FCI connector GS-20-094 Datasheet HTML 6Page - FCI connector GS-20-094 Datasheet HTML 7Page - FCI connector GS-20-094 Datasheet HTML 8Page - FCI connector GS-20-094 Datasheet HTML 9Page - FCI connector GS-20-094 Datasheet HTML 10Page - FCI connector GS-20-094 Datasheet HTML 11Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NUMBER
GS-20-094
TYPE
APPLICATION SPECIFCATION
TITLE
PAGE
REVISION
7 of 23
B
AUTHORIZED BY
DATE
ZipLine
TM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright 2006 FCI
4.8.
FLEXIBLE SIGNAL IMLA LOADING
Each column of a ZipLine™ connector is comprised of one Insert Molded Leadframe Assembly (IMLA). IMLA’s
may be configured to transmit either signal or power (see section 4.9 for information on power IMLA’s). For
vertical headers, signal IMLA’s may have tails in line for standard backpanel applications or they may have
jogged tails for shared via orthogonal midplane applications. Because all ZipLine™ vertical headers use the
same housing, it is possible to load a mix of standard backpanel signal IMLA’s and shared hole midplane
orthogonal signal IMLA’s in the same assembly. Also, a standard backpanel connector can have every other
column loaded to achieve a connector that is capable of routing 3 pairs of differential traces per column. For a 6
pair, 3.6mm pitch, 6 column configuration all pairs can be routed on 2 layers (see section 5.5 for a routing
example).
Since all signal header IMLA’s have the same mating interface design, the mating receptacle simply has to be
loaded with IMLA’s in the same columns as the mating header. See below for two examples of flexible signal
IMLA loading:
Form E-3334
Rev F
GS-01-001
6 orthogonal IMLA’s on 3.6mm pitch
4 backpanel IMLA’s on 1.8mm pitch +
4 orthogonal IMLA’s on 3.6mm pitch
Figure 7: Examples of possible IMLA loading patterns
PDM: Rev:B
Released
.
STATUS:
Printed: Nov 28, 2010


유사한 부품 번호 - GS-20-094

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

유사한 설명 - GS-20-094

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-12-452 FCI-CONNECTOR-GS-12-452 Datasheet
305Kb / 13P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com