전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74886-001 데이터시트(PDF) 2 Page - FCI connector

부품명 74886-001
상세설명  FIBER OPTIC ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI-CONNECTOR [FCI connector]
홈페이지  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

74886-001 데이터시트(HTML) 2 Page - FCI connector

  74886-001 Datasheet HTML 1Page - FCI connector 74886-001 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FCI - Americas : 1 (800) 237 2374 - Europe : 33 1 39 49 21 83 - Asia/Pacific : 65 6549 6666
www.fciconnect.com
FIBER OPTIC ADAPTERS
TECHNICAL FEATURES / ORDERING INFORMATION
FCI Part Number
Style
Sleeve
Ports
Housing Type Mounting Style
Shutter
Housing Color
74883-005
FC / FC
Phosphor Bronze
Simplex
Metal
D Mount
NO
NA
74883-006
FC / FC
Zirconia
Simplex
Metal
D Mount
NO
NA
84873-001
FC / FC APC
Phosphor Bronze
Simplex
Metal
Flange Mount
NO
NA
84873-002
FC / FC APC
Zirconia
Simplex
Plastic
DD Mount
NO
NA
98143-001
FC / SC
Zirconia
Simplex
Metal
Flange Mount
NO
NA
74883-102
FC / ST®
Zirconia
Simplex
Metal
Square Flange
NO
NA
57600-001
LC/ LC
Zirconia
Duplex
Metal
45˚ Flange Mount
NO
NA
57600-002
LC/ LC
Zirconia
Duplex
Metal
45˚ Flange Mount
YES
NA
74884-001
LC/ LC
Zirconia
Duplex
Plastic -
Snap-in
NO
Blue
Low Profile
74884-002
LC/ LC
Phosphor Bronze
Duplex
Plastic -
Snap-in
NO
Beige
Low Profile
98157-001
LC/ LC
Zirconia
Duplex
Plastic
Snap-in
NO
Blue
63341-002
SC / FC
Zirconia
Simplex
Metal
45˚ Flange Mount
NO
NA
63341-001
SC / SC
Zirconia
Simplex
Metal
45˚ Flange Mount
NO
NA
99103-PM001
SC / SC
Phosphor Bronze
Simplex
Metal
Flange Mount/Snap-In NO
NA
99103-ZM001
SC / SC
Zirconia
Simplex
Metal
Flange Mount/Snap-In NO
NA
74885-007
SC / SC
Phosphor Bronze
Simplex
Plastic
Snap-in
NO
Blue
74885-008
SC / SC
Zirconia
Simplex
Plastic
Snap-in
NO
Blue
74965-001
SC / SC
Zirconia
Simplex
Plastic
Snap-in
YES
Black
74965-002
SC / SC
Zirconia
Simplex
Plastic
Snap-in
YES
Red
74965-003
SC / SC
Zirconia
Simplex
Plastic
Snap-in
YES
Green
74965-004
SC / SC
Zirconia
Simplex
Plastic
Snap-in
YES
Blue
74965-005
SC / SC
Phosphor Bronze
Simplex
Plastic
Snap-in
YES
Brown
99103-Z0001
SC / SC
Zirconia
Simplex
Plastic
Flange Mount/Snap in NO
Blue
99103-Z0002
SC / SC
Zirconia
Duplex
Plastic
Flange Mount/Snap in NO
Blue
99103-Z0008
SC / SC
Zirconia
8 Port
Plastic
Flange Mount/Snap in NO
Blue
74885-009
SC / SC APC
Phosphor Bronze
Simplex
Plastic
Snap-in
NO
Green
74885-010
SC / SC APC
Zirconia
Simplex
Plastic
Snap-in
NO
Green
99103-ZA001
SC / SC APC
Zirconia
Simplex
Plastic
Flange Mount/Snap-In NO
Green
98146-001
SC / ST®
Zirconia
Simplex
Metal
Square Flange
NO
Blue
98146-002
SC / ST®
Phosphor Bronze
Simplex
Metal
Square Flange
NO
Blue
60007-001
ST® / ST®
Zirconia
Simplex
Metal
Flange Mount
NO
NA
74886-001
ST® / ST®
Zirconia
Simplex
Metal
DD mount
NO
NA
74886-002
ST® / ST®
Phosphor Bronze
Simplex
Metal
Flange Mount
NO
NA


유사한 부품 번호 - 74886-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74886-XXXX MOLEX-74886-XXXX Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

유사한 설명 - 74886-001

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
FK4BJ PANDUIT-FK4BJ Datasheet
86Kb / 2P
   Furcation Kits Fan-Out Kits LC Sr./Sr. Fiber Optic Adapters
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com