전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9269 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 Q67000-A9269
상세설명  Low-Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9269 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  Q67000-A9269 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9269 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low-Drop Voltage Regulator
TLE 4276
Semiconductor Group
1
1998-11-01
Features
• Output voltage tolerance
≤± 4%
• Low-drop voltage
• Inhibit input
• Very low current consumption
• Short-circuit-proof
• Reverse polarity proof
• Suitable for use in automotive electronics
SMD = Surface Mounted Device
w New type
Type
Ordering Code Package
TLE 4276 V50
Q67000-A9262 P-TO220-5-3
TLE 4276 V85
Q67000-A9263 P-TO220-5-3
TLE 4276 V10
Q67000-A9264 P-TO220-5-3
TLE 4276 G V50 Q67006-A9266 P-TO220-5-122
TLE 4276 G V85 Q67006-A9268 P-TO220-5-122
TLE 4276 G V10 Q67006-A9270 P-TO220-5-122
TLE 4276 S V50 Q67000-A9267 P-TO220-5-43
TLE 4276 S V85 Q67000-A9269 P-TO220-5-43
TLE 4276 S V10 Q67000-A9271 P-TO220-5-43
TLE 4276 V
Q67000-A9265 P-TO220-5-3
TLE 4276 SV
Q67000-A9273 P-TO220-5-43
TLE 4276 GV
Q67006-A9272 P-TO220-5-122
w TLE 4276 D V50 Q67006-A9358 P-TO252-5-1
w TLE 4276 DV
Q67006-A9361 P-TO252-5-1
P-TO220-5-3
P-TO220-5-43
P-TO220-5-122
P-TO252-5-1 (D-PAK)


유사한 부품 번호 - Q67000-A9269

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67000-A9209-A801 SIEMENS-Q67000-A9209-A801 Datasheet
121Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9209-A903 SIEMENS-Q67000-A9209-A903 Datasheet
121Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9210-A901 SIEMENS-Q67000-A9210-A901 Datasheet
128Kb / 20P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9210-C801 SIEMENS-Q67000-A9210-C801 Datasheet
128Kb / 20P
   5-V Low-Drop Fixed Voltage Regulator
Q67000-A9230 SIEMENS-Q67000-A9230 Datasheet
918Kb / 27P
   SMPS-IC with MOSFET Driver Output
More results

유사한 설명 - Q67000-A9269

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com