전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC15XS3400CHFK 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc

부품명 MC15XS3400CHFK
상세설명  Quad High Side Switch (Quad 15 mOhm)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400CHFK 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400CHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC15XS3400CHFK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
15XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3 (continued)
CSR0 Current Recopy Temperature Drift (6.0 V < VHS[0:3] < 20 V)
with 28 W bit=0(18)
Output Current
5.0 A
Δ(CSR0_0)/Δ(T)
0.04
%/
°C
Current Sense Ratio (CSR1) Accuracy (6.0 V < VHS[0:3] < 20 V)
with 28 W bit=0
Output Current
12.5 A
75 A
CSR1_0_ACC
-17
-12
+17
+12
%
Current Sense Clamp Voltage
CSNS Open; IHS[0:3] = 5.0 A with CSR0 ratio
VCL(CSNS)
VDD+0.25
-
VDD+1.0
V
OFF Open-load Detection Source Current(19)
IOLD(OFF)
30
100
μA
OFF Open-load Fault Detection Voltage Threshold
VOLD(THRES)
2.0
3.0
4.0
V
ON Open-load Fault Detection Current Threshold
IOLD(ON)
100
300
600
mA
ON Open-load Fault Detection Current Threshold with LED
VHS[0:3] = VPWR - 0.75 V
IOLD(ON_LED)
2.5
5.0
10
mA
Output Short to VPWR Detection Voltage Threshold
Output programmed OFF
VOSD(THRES)
VPWR-1.2 VPWR-0.8 VPWR-0.4
V
Output Negative Clamp Voltage
0.5 A < IHS[0:3] < 5.0 A, Output programmed OFF
VCL
-22
-16
V
Output Over-temperature Shutdown (for 4.5 V < VPWR < 28 V)
TSD
155
175
195
°C
Notes
18.
Based on statistical data: delta(CSR0)/delta(T)={(measured ICSNS at T1 - measured ICSNS at T2) / measured ICSNS at room} / {T1-T2}. No
production tested.
19.
Output OFF Open-load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open-load condition when the specific output is commanded OFF. Pull-up current is measured for VHS=VOLD(THRES)
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


유사한 부품 번호 - MC15XS3400CHFK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

유사한 설명 - MC15XS3400CHFK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52