전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ120A(CA) 데이터시트(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

부품명 SMAJ120A(CA)
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
홈페이지  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMAJ120A(CA) 데이터시트(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMAJ120A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ120A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ120A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
400W
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 3
SMAJ5.0 THRU SMAJ170CA
FEATURES :
400W surge capability at 1ms
Excellent clamping capability
Low zener impedance
Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
Typical I
R less then 1µA above 10V
MECHANICAL DATA
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.064 grams
MAXIMUM RATINGS
Rating at Ta = 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Units
Peak Forward Surge Current per Fig. 5 (Note 3)
IFSM
40
Amps
Peak Pulse Current on 10/1000
µs
waveform (Note 1, Fig. 1)
Steady State Power Dissipation (Note 4)
PM(AV)
Watt
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on 5.0mm
2 (0.013mm) copper pads to each terminal.
(3) 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum.
(4) Lead temperature at TL=75°C
(5) Peak pulse power waveform is 10/1000
µs.
Peak Pulse Power Dissipation (Note1,2,5) Fig. 4
1.0
IPPM
See Table
Amps
PPPM
Minimum 400
Watts


유사한 부품 번호 - SMAJ120A(CA)

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ120A JGD-SMAJ120A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ120A SOCAY-SMAJ120A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ120A LUGUANG-SMAJ120A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Socay Electornics Co., ...
SMAJ120A SOCAY-SMAJ120A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ120A(CA)

제조업체부품명데이터시트상세설명
logo
Shenzhen Taychipst Elec...
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com