전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16-10 데이터시트(PDF) 1 Page - Frontier Electronics.

부품명 BU16-10
상세설명  16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU16-10 데이터시트(HTML) 1 Page - Frontier Electronics.

  BU16-10 Datasheet HTML 1Page - Frontier Electronics. BU16-10 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BU16-005 THRU BU16-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-005 THRU BU16-10
FEATURES
PLASTIC MATERIAL HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C /10 S
0.375:(9.5mm) LEAD LENGTH AT 5 LBS (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202,
METHOD 208
MOUNTING POSITION: ANY
MOUNTING TORQUE: 5 IN-LB MAX
WEIGHT: 8.0 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BU16-005 BU16-01 BU16-02 BU16-04 BU16-06 BU16-08 BU16-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT (SEE FIG.1)
IO
16.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
400
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
ºC
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BU16-005 BU16-01 BU16-02 BU16-04 BU16-06 BU16-08 BU16-10 UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT IFM
VF
1.0
V
MAXIMUM REVERSE LEAKAGE AT RATED DC BLOCKING
VOLTAGE PER ELEMENT TA=25ºC, TC=100ºC
IR
10
μA
0.700(17.8)
0.600(16.8)
0.780(19.8)
0.740(18.8)
.935(23.7)
.895(22.7)
1.00
(25.4)
0.283(7.2)
0.256(6.5)
0.220(5.6)
0.180(4.6)
0.087(2.2)
0.071(1.8)
AC
0.15
∅ x 0.23L
(3.8
∅ x 5.7L)
HOLE THRU
0.300
(7.5)


유사한 부품 번호 - BU16-10

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
BU16-1031R0BL COILCRAFT-BU16-1031R0BL Datasheet
265Kb / 6P
   Common Mode Chokes
More results

유사한 설명 - BU16-10

제조업체부품명데이터시트상세설명
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC10005W SEMTECH_ELEC-KBPC10005W Datasheet
329Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
2W005M SEMTECH_ELEC-2W005M Datasheet
129Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com