전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1J-LFR 데이터시트(PDF) 1 Page - Frontier Electronics.

부품명 ES1J-LFR
상세설명  1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ES1J-LFR 데이터시트(HTML) 1 Page - Frontier Electronics.

  ES1J-LFR Datasheet HTML 1Page - Frontier Electronics. ES1J-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A-LFR THRU ES1J-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
ES1A-LFR THRU ES1J-LFR
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
GLASS PASSIVATED CHIP JUNCTION
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
HIGH TEMPERATURE SOLDERING:250°C/10 SECONDS AT
TERMINALS
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AC (SMA), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.064 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL ES1A-LFR ES1B-LFR ES1D-LFR ES1E-LFR ES1G-LFR ES1J-LFR UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TL=90
°C
IO
1.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
10
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
θ
JL
30
°C/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL ES1A-LFR ES1B-LFR ES1D-LFR ES1E-LFR ES1G-LFR ES1J-LFR UNITS
MAXIMUM FORWARD VOLTAGE AT 1.0A AND 25
VF
0.98
1.25
1.75
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
25
nS
MARKING
ES1A
ES1B
ES1D
ES1E
ES1G
ES1J
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. THERMAL RESISTANCE FROM JUNCTION TO TERMINAL 5.0mm
2 (.013 mm THICK) LAND AREAS
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.220(5.6)
.192(4.9)
.190(4.8)
.157(4.0)
.071(1.8)
.035(0.9)
.110(2.8)
.090(2.3)
.080(2.0)
.100(2.6)
.080(2.0)
.065(1.65)
.040(1.25)
CATHODE
SOLDERING PAD
.220(5.58)
REF
.052(1.32)
MIN
.08(2.03)
MIN
.094(2.38)
MAX


유사한 부품 번호 - ES1J-LFR

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
ES1J-L MCC-ES1J-L Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1J-L MCC-ES1J-L Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

유사한 설명 - ES1J-LFR

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
EFM11M FRONTIER-EFM11M Datasheet
129Kb / 2P
   1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR FRONTIER-SM4933-LFR Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com