전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4936 데이터시트(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 DL4936
상세설명  1.0Ampere Recovery Rectifiers Glass Passivated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DL4936 데이터시트(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DL4936 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DL4936 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
T = 25ºC
Pulse Width = 300 ms
j
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Peak Forward Surge Current vs Forward Voltage
F
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Junction Capacitance vs Reverse Voltage
R
T = 25ºC
f = 1MHz
j
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Fwd Surge Current vs Number of Cycles at 60 Hz
T = 150ºC
Pulse Width
8.3 ms Single Half
Sine-Wave
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75 100 125 150 175 200
T , TERMINAL TEMPERATURE (ºC)
Fig. 2 Forward Derating Curve
T
Single Phase
Half Wave 60 Hz
Resistive or
Inductive Load
DL4933-DL4937
1.0Ampere Recovery Rectifiers Glass Passivated
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - DL4936

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DL4936 DIODES-DL4936 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4936 SYNSEMI-DL4936 Datasheet
35Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4936 DIOTECH-DL4936 Datasheet
906Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
More results

유사한 설명 - DL4936

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
DL4001 LUGUANG-DL4001 Datasheet
181Kb / 2P
   1.0Ampere Rectifiers Glass Passivated
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com