전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GDZJ30A 데이터시트(PDF) 1 Page - Frontier Electronics.

부품명 GDZJ30A
상세설명  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZJ30A 데이터시트(HTML) 1 Page - Frontier Electronics.

  GDZJ30A Datasheet HTML 1Page - Frontier Electronics. GDZJ30A Datasheet HTML 2Page - Frontier Electronics. GDZJ30A Datasheet HTML 3Page - Frontier Electronics. GDZJ30A Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GDZJ2.0A THRU GDZJ56
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500m WATT ZENER DIODE
GDZJ2.0A THRU GDZJ56
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
MECHANICAL DATA
CASE: GLASS CASE, DO34, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD -202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.013 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZJ2.0A
GDZJ2.0B
GDZJ2.2A
GDZJ2.2B
GDZJ2.4A
GDZJ2.4B
GDZJ2.7A
GDZJ2.7B
GDZJ3.0A
GDZJ3.0B
GDZJ3.3A
GDZJ3.3B
GDZJ3.6A
GDZJ3.6B
GDZJ3.9A
GDZJ3.9B
GDZJ4.3A
GDZJ4.3B
GDZJ4.3C
GDZJ4.7A
GDZJ4.7B
GDZJ4.7C
GDZJ5.1A
GDZJ5.1B
GDZJ5.1C
1.88
2.02
2.12
2.22
2.33
2.43
2.54
2.69
2.85
3.01
3.16
3.32
3.46
3.60
3.74
3.89
4.04
4.17
4.30
4.44
4.55
4.68
4.81
4.94
5.09
2.10
2.20
2.30
2.41
2.52
2.63
2.75
2.91
3.07
3.22
3.38
3.53
3.69
3.84
4.01
4.16
4.29
4.43
4.57
4.68
4.80
4.93
5.07
5.20
5.37
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
100
100
100
110
110
120
120
120
120
100
100
100
100
100
100
100
90
90
90
80
80
80
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
900
900
900
800
800
800
120
120
100
100
120
120
100
100
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.7
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
NOTE:
*MICRO MELF MOLDED GLASS
.106(2.9)
MAX
.017(0.42)
TYP
1.02(26.0)
MIN
.079(2.0)
MAX
1.02(26.0)
MIN


유사한 부품 번호 - GDZJ30A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GDZJ30A PANJIT-GDZJ30A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
More results

유사한 설명 - GDZJ30A

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
GDZ2.0A FRONTIER-GDZ2.0A Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com