전자부품 데이터시트 검색엔진 |
|
SS23 데이터시트(PDF) 2 Page - Frontier Electronics. |
|
SS23 데이터시트(HTML) 2 Page - Frontier Electronics. |
2 / 2 page SS22 THRU SS210 Page: 2 RATINGS AND CHARACTERISTIC CURVE SS22 THRU SS210 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) FIG. 5 - MAXIMUM NON-REPETITIVE SURGE CURRENT 50 40 30 20 10 0 1 2 4 10 20 40 100 NUMBER OF CYCLES AT 60HZ 8.3ms Single Half Sine-Wave (JEDEC Method) FIG. 1 - FORWARD CURRENT DERATING CURVE 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD LEAD TEMPERATURE ( ℃) P.C.B MOUNTED ON 0.3×0.3”(8.0×8.0mm) COPPER PAD AREAS TJ=25 ℃ PULSE WIDTH=300us 1% DUTY CYCLE FIG.2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 1.0 0.1 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 INSTANTANEOUS FORWARD VOLTAGE, VOLTS SS22~SS24 SS25~SS26 SS27~SS210 FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 10 1.0 .10 .01 .001 0 20 40 60 80 100 120 140 TA=75 ℃ TJ=25 ℃ TA=125 ℃ SS27~SS210 SS25~SS26 SS22~SS24 FIG. 4 - TYPICAL JUNCTION CAPACITANCE 400 200 100 80 60 40 20 10 0.1 0.4 1.0 4 10 40 80100 REVERSE VOLTAGE, VOLTS TJ=25 ℃ SS22~SS24 SS25~SS26 SS27~SS210 |
유사한 부품 번호 - SS23 |
|
유사한 설명 - SS23 |