전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB9.1C 데이터시트(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 SMB9.1C
상세설명  600Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMB9.1C 데이터시트(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMB9.1C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMB9.1C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMB9.1C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMB9.1C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Breakdowm voltage
VBR Volts
Working
PeakReverse
Voltage
Maximum
Reverse
Leakage at
VRWM
Maximum
Reverse Surge
Current
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
(UNI)
(BI)
Min.
Max.
@IT( mA)
VRWM(Volts)
IR (uA)
IRSM(Amps)
VRSM(Volts)
SMB47
SMB47C
MDK MDM
42.3
51.7
1.0
38.1
5.0
8.85
67.8
SMB47A
SMB47CA
MEK MEM
44.7
49.4
1.0
40.2
5.0
9.26
64.8
SMB51
SMB45C
MFK MFM
45.9
56.1
1.0
41.3
5.0
8.16
73.5
SMB51A
SMB45CA
MGK MGM
48.5
53.6
1.0
43.6
5.0
8.56
70.1
SMB56
SMB56C
MHK MHM
50.4
61.6
1.0
45.4
5.0
7.45
80.5
SMB56A
SMB56CA
MKK MKM
53.2
58.8
1.0
47.8
5.0
7.79
77.0
SMB62
SMB62C
MLK MLM
55.8
68.2
1.0
50.2
5.0
6.74
89.0
SMB62A
SMB62CA
MMK MMM
58.9
65.1
1.0
53.0
5.0
7.06
85.0
SMB68
SMB68C
MNK MNM
61.2
74.8
1.0
55.1
5.0
6.12
98.0
SMB68A
SMB68CA
MPK MPM
64.6
71.4
1.0
58.1
5.0
6.52
92.0
SMB75
SMB75C
MQK MQM
67.5
82.5
1.0
60.7
5.0
5.56
108
SMB75A
SMB75CA
MRK MRM
71.3
78.8
1.0
64.1
5.0
5.83
103
SMB82
SMB82C
MSK
MSM
73.8
90.2
1.0
66.4
5.0
5.08
118
SMB82A
SMB82CA
MTK MTM
77.8
86.0
1.0
70.1
5.0
5.31
113
SMB91
SMB91C
MUK MUM
81.9
100
1.0
73.7
5.0
4.58
131
SMB91A
SMB91CA
MVK MVM
86.5
95.5
1.0
77.8
5.0
4.80
125
SMB100
SMB100C
MWK MWM
90.0
110
1.0
81.0
5.0
4.17
144
SMB100A
SMB100CA
MXK MXM
95.0
105
1.0
85.5
5.0
4.38
137
SMB110
SMB110C
MYK MYM
99.0
121
1.0
89.2
5.0
3.80
158
SMB110A
SMB110CA
MZK MZM
105
116
1.0
94.0
5.0
3.95
152
SMB120
SMB120C
NDK
NDM
108
132
1.0
97.2
5.0
3.47
173
SMB120A
SMB120CA
NEK
NEM
114
126
1.0
102
5.0
3.64
165
SMB130
SMB130C
NFK
NFM
117
143
1.0
105
5.0
3.21
187
SMB130A
SMB130CA
NGK
NGM
124
137
1.0
111
5.0
3.35
179
SMB150
SMB150C
NHK
NHM
135
165
1.0
121
5.0
2.79
215
SMB150A
SMB150CA
NKK
NKM
143
158
1.0
128
5.0
2.90
207
SMB160
SMB160C
NLK
NLM
144
176
1.0
130
5.0
2.61
230
SMB160A
SMB160CA
NMK NMM
152
168
1.0
136
5.0
2.74
219
SMB170
SMB170C
NNK
NNM
153
187
1.0
138
5.0
2.46
244
SMB170A
SMB170CA
NPK
NPM
162
179
1.0
145
5.0
2.56
234
SMB180
SMB180C
NQK
NQM
162
198
1.0
146
5.0
2.33
258
SMB180A
SMB180CA
NRK
NRM
171
189
1.0
154
5.0
2.44
246
SMB200
SMB200C
NSK
NSM
180
220
1.0
162
5.0
2.09
287
SMB200A
SMB200CA
NTK
NTM
190
210
1.0
171
5.0
2.19
274
NOTE :
1) Suffix 'A ' denotes 5% tolerance device,no suffix denotes 10 % tolerance device.
2) Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
Device
Uni-
directional
Device
Bi-
directional
Device
Marking code
SMB
Series
600Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - SMB9.1C

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
SMB9.1C LITEON-SMB9.1C Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMB9.1CA LITEON-SMB9.1CA Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SMB9.1C

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
SMBJ10A LUGUANG-SMBJ10A Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0_1 Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com