전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC715UKG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DAC715UKG4
상세설명  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC715UKG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC715UKG4 Datasheet HTML 6Page - Texas Instruments DAC715UKG4 Datasheet HTML 7Page - Texas Instruments DAC715UKG4 Datasheet HTML 8Page - Texas Instruments DAC715UKG4 Datasheet HTML 9Page - Texas Instruments DAC715UKG4 Datasheet HTML 10Page - Texas Instruments DAC715UKG4 Datasheet HTML 11Page - Texas Instruments DAC715UKG4 Datasheet HTML 12Page - Texas Instruments DAC715UKG4 Datasheet HTML 13Page - Texas Instruments DAC715UKG4 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
®
DAC715
The digital interface of the DAC715 can be made transpar-
ent by asserting A
O, A1, and WR LOW, and asserting CLR
HIGH.
To operate the DAC715 interface as a single-buffered latch,
the DATA INPUT LATCH is permanently enabled by
connecting A0 to DCOM. If A1 is not used to enable the
D/A, it should be connected to DCOM also. For this mode
of operation, the width of WR will need to be at least 80ns
minimum to pass data through the DATA INPUT LATCH
and into the D/A LATCH.
TRANSPARENT INTERFACE
FIGURE 6. Manual Offset and Gain Adjust Circuits.
5k
3
4
6
+10V V
OUT
10k
IDAC
0-2mA
≈ +2.5V
15k
R
3
27k
R
1
100
P
2
10k
Ω – 100kΩ
P
1
1k
5
170
Internal
+10V Reference
V
REF OUT
–V
CC
+V
CC
Gain Adjust
Offset Adjust
2
ACOM
R
2
2M
For no external adjustments, pins 4 and 6 are not connected.
External resistors R1 - R4 are standard ±1% values. Range of
adjustment at least ±0.03% FSR.


유사한 부품 번호 - DAC715UKG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC715UK BURR-BROWN-DAC715UK Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

유사한 설명 - DAC715UKG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com