전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC2902 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC2902
상세설명  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC2902 데이터시트(HTML) 5 Page - Texas Instruments

  DAC2902 Datasheet HTML 1Page - Texas Instruments DAC2902 Datasheet HTML 2Page - Texas Instruments DAC2902 Datasheet HTML 3Page - Texas Instruments DAC2902 Datasheet HTML 4Page - Texas Instruments DAC2902 Datasheet HTML 5Page - Texas Instruments DAC2902 Datasheet HTML 6Page - Texas Instruments DAC2902 Datasheet HTML 7Page - Texas Instruments DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DAC2902
5
SBAS167C
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tS
Input Setup Time
2
ns
tH
Input Hold Time
1.5
ns
tLPW, tCPW
Latch/Clock Pulsewidth
3.5
4
ns
tCW
Delay Rising CLK Edge to
0
tPW – 2ns
Rising WRT Edge
tPD
Propagation Delay
1
ns
tSET
Settling Time (0.1%)
30
ns
TIMING DIAGRAM
t
PD
t
H
t
LPW
t
CPW
t
CW
t
SET
D[11:0]
(n)
D[11:0]
(n + 1)
t
S
I
OUT(n)
I
OUT(n +1)
50%
DATA IN
WRT1
WRT2
CLK1
CLK2
I
OUT1
I
OUT2
DIGITAL INPUTS AND TIMING
The data input ports of the DAC2902 accept a standard
positive coding with data bit D11 being the most significant
bit (MSB). The converter outputs support a clock rate of up
to 125MSPS. The best performance will typically be achieved
with a symmetrical duty cycle for write and clock; however,
the duty cycle may vary as long as the timing specifications
are met. Also, the setup and hold times may be chosen
within their specified limits.
All digital inputs of the DAC2902 are CMOS-compatible.
The logic thresholds depend on the applied digital supply
voltages, such that they are set to approximately half the
supply voltage: Vth = +VD/2 (±20% tolerance). The DAC2902
is designed to operate with a digital supply (+VD) of +3.0V
to +5.5V.
The two converter channels within the DAC2902 consist of
two independent, 12-bit, parallel data ports. Each DAC
channel is controlled by its own set of write (WRT1, WRT2)
and clock (CLK1, CLK2) inputs. Here, the WRT lines
control the channel input latches and the CLK lines control
the DAC latches. The data is first loaded into the input latch
by a rising edge of the WRT line. This data is presented to
the DAC latch on the following falling edge of the WRT
signal. On the next rising edge of the CLK line, the DAC is
updated with the new data and the analog output signal will
change accordingly. The double latch architecture of the
DAC2902 results in a defined sequence for the WRT and
CLK signals, expressed by parameter tCW. A correct timing
is observed when the rising edge of CLK occurs at the same
time, or before, the rising edge of the WRT signal. This
condition can simply be met by connecting the WRT and
CLK lines together. Note that all specifications were mea-
sured with the WRT and CLK lines connected together.


유사한 부품 번호 - DAC2902

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902-EVM BURR-BROWN-DAC2902-EVM Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y BURR-BROWN-DAC2902Y Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC2902

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com