전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6756MRMY 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN6756MRMY
상세설명  New Products, Tips and Tools for Power and Mobile Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6756MRMY 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN6756MRMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6756MRMY Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FLYBACK CONTROLLERS
Small-Spaced Dimming Challenges Solved
with LED Lamp Driver IC
LED LAMP DRIVER IC
Advantages
• Highfunctionaldensityina
smallformfactor
• Upto60%boardspace
savingscomparedtoother
solutions
• Upto20%lowerbillof
materialcostscompared
toothersolutions
• Digitalpowerfactor(PF)
realizationgreaterthan0.9
• Lowertotalharmonic
distortion(THD)
• 90%electricalefficiency
• MeetsworldwideEnergyStar®
regulations
Applications
• Decorativelighting
• Low-powerlighting
For more information, please visit:
www.fairchildsemi.com/pf/FL/FL7701.html
www.fairchildsemi.com/ledlighting
Engineering
Connections
Need to Design a Dimmable LED Lamp
Small Enough to Fit Existing Sockets?
Read the latest in our blog at
www.fairchildsemi.com/engineeringconnections.
With Fairchild’s FL7701 smart non-isolated Buck LED driver with power factor
correction, designers attain efficient dimming solutions that also fit within exist-
ing sockets. Because the need to work reliably in a small space while providing
high efficiency is imperative, the device uses a digital technique that allows it to
automatically detect the AC input voltage condition. A special internal reference
signal is then created, resulting in high power factor correction. The FL7701 will
work from a DC input voltage condition, automatically sensing AC versus DC
input voltage conditions. It also combines high functional density to create the
smallest form factor and allows designers to save up to 20% BOM costs and up
to 60% board space savings.
The LED driver provides energy savings that meet the most stringent worldwide
regulations, such as Energy Star®. Designers also benefit from the high degree
of integration offered by the FL7701. The result is increased luminary lifespan
to more than five years (current solution only achieves three years.) And reli-
ability is also improved since no electrolytic capacitors for the input, output or
the FL7701 V
DD supply are required.
Typical application
Product
Number
Topology
PFC
Dimming
CC Variance
(%)
Frequency
(kHz)
Package
FL7701
Non-Isolation
PFC Buck
Yes
Yes
3
Variable
SOIC-8


유사한 부품 번호 - FAN6756MRMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
1Mb / 20P
   FAN6756??mWSaver??PWM Controller
logo
ON Semiconductor
FAN6756MRMY ONSEMI-FAN6756MRMY Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
More results

유사한 설명 - FAN6756MRMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMA905P FAIRCHILD-FDMA905P Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FAN7171_F085 FAIRCHILD-FAN7171_F085 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com