전자부품 데이터시트 검색엔진 |
|
SMCG91 데이터시트(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMCG91 데이터시트(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 4 page RATINGS AND CHARACTERISTIC CURVES (SMCG SERIES) FIG.1- PEAK PULSE POWER RATING CURVE tp, PULSE WIDTH, sec. NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 T = 25 C A O 0.1 s 1s 10 s 100 s 1.0ms 10ms 0.1 1 10 100 FIG.3- PULSE WAVEFORM CLAMPING POWER t, TIME, ms td tr = 10 sec PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM Peak Value IPPM Half Value - I PPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A. 0 1.0 2.0 3.0 4.0 0 50 100 150 FIG.2- PULSE DERATING CURVE TA, AMBIENT TEMPERATURE. ( C) O 0 25 50 75 100 125 150 175 200 0 50 100 150 200 FIG.5- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL V( ), BREAKDOWN VOLTAGE. VOLTS BR UNIDIRECTIONAL BIDIRECTIONA V=0 R Tj = 25 C f=1.0MHz Vsig=50mVp-p O V -RATED STAND-OFF VOLTAGE R 1 10 100 200 10 100 1000 10000 FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave JEDEC Method Tj=Tj max. 1 10 100 10 100 200 SMCG SERIES 1500 Watts Surface Mount Transient Voltage Suppressor http://www.luguang.cn mail:lge@luguang.cn |
유사한 부품 번호 - SMCG91 |
|
유사한 설명 - SMCG91 |