전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4010-DK 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SI4010-DK
상세설명  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4010-DK 데이터시트(HTML) 2 Page - Silicon Laboratories

  SI4010-DK Datasheet HTML 1Page - Silicon Laboratories SI4010-DK Datasheet HTML 2Page - Silicon Laboratories SI4010-DK Datasheet HTML 3Page - Silicon Laboratories SI4010-DK Datasheet HTML 4Page - Silicon Laboratories SI4010-DK Datasheet HTML 5Page - Silicon Laboratories SI4010-DK Datasheet HTML 6Page - Silicon Laboratories SI4010-DK Datasheet HTML 7Page - Silicon Laboratories SI4010-DK Datasheet HTML 8Page - Silicon Laboratories SI4010-DK Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Si4010-DK
2
Rev. 0.1
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
1
MSC-BA5
Programming interface board
1
MSC-BA4
Burning adapter board
1
EC3
USB Debug Adapter
1
Toolstick_BA
Toolstick Base Adapter
1
MSC-DKCS5
USB Cable
1
USB extender cable (USBA-USBA)
2
AAA
AAA battery
2
CRD2032
CR2032 3 V coin battery
4010-KFOBDEV-915
Si4010 Key Fob Development Kit 915 MHz
2
4010-KFOB-915-NF
Si4010 key fob demo board 915 MHz w/o IC
1
MSC-DKPE1
SOIC/MSOP socketed development board
3
Si4010-C2-GS
Si4010-C2-GS transmitter IC, SOIC Package
1
4010-DKPB915-BM
Si4010 MSOP key fob development board 915 MHz, SMA
1
4355-LED-915-SRX
Si4355 RFStick 915MHz receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
1
MSC-BA5
Programming interface board
1
MSC-BA4
Burning adapter board
1
EC3
USB Debug Adapter
1
Toolstick_BA
Toolstick Base Adapter
1
MSC-DKCS5
USB Cable
1
USB extender cable (USBA-USBA)
2
AAA
AAA battery
2
CRD2032
CR2032 3 V coin battery
Table 1. Kit Content (Continued)


유사한 부품 번호 - SI4010-DK

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4010-B1-GS SILABS-SI4010-B1-GS Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-B1-GT SILABS-SI4010-B1-GT Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-AS SILABS-SI4010-C2-AS Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
Si4010-C2-AS SILABS-Si4010-C2-AS Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
More results

유사한 설명 - SI4010-DK

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com