전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74SSTUB32865AZJBR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 74SSTUB32865AZJBR
상세설명  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74SSTUB32865AZJBR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 74SSTUB32865AZJBR Datasheet HTML 2Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 3Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 4Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 5Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 6Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 7Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 8Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 9Page - Texas Instruments 74SSTUB32865AZJBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
TIMING DIAGRAM for 74SSTUB32865A DURING START-UP (RESET switches from L to H)
CSGateEn
CK
CK
PARIN
(1)
PTYERR
(2)
CLKto PTYERR
Datato
latency
PTYERR
CLKto PTYERR
74SSTUB32865A
SLAS562 – NOVEMBER 2007
(1)
After RESET is switched from low to high, all data and PARIN input signals must be set and held low for a minimum
time of tact max, to avoid false error.
(2)
If the data is clocked in on the n clock pulse, the PTYERR output signal will be generated on the n + 2 clock pulse
and it will be valid on the n + 3 clock pulse.
6
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): 74SSTUB32865A


유사한 부품 번호 - 74SSTUB32865AZJBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

유사한 설명 - 74SSTUB32865AZJBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com