전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC421A156 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC421A156
상세설명  Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421A156 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDC421A156 Datasheet HTML 2Page - Texas Instruments CDC421A156 Datasheet HTML 3Page - Texas Instruments CDC421A156 Datasheet HTML 4Page - Texas Instruments CDC421A156 Datasheet HTML 5Page - Texas Instruments CDC421A156 Datasheet HTML 6Page - Texas Instruments CDC421A156 Datasheet HTML 7Page - Texas Instruments CDC421A156 Datasheet HTML 8Page - Texas Instruments CDC421A156 Datasheet HTML 9Page - Texas Instruments CDC421A156 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CDC421AXXX
SCAS875 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
Table 3. Phase Noise Data with LVCMOS Input of 31.2500 MHz and LVPECL Output at 125.00 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–108
dBc/Hz
phn1k
Phase noise at 1 kHz
–118
dBc/Hz
phn10k
Phase noise at 10 kHz
–127
dBc/Hz
phn100k
Phase noise at 100 kHz
–130
dBc/Hz
phn1M
Phase noise at 1 MHz
–139
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
529
fs
Tj
Total jitter
47.47
ps
Dj
Deterministic jitter
25.2
ps
(1)
Phase noise specifications under following conditions: input frequency = 31.2500 MHz, output frequency = 125.00 MHz.
Table 4. Phase Noise Data with LVCMOS Input of 31.2500 MHz and LVPECL Output at 156.25 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–106
dBc/Hz
phn1k
Phase noise at 1 kHz
–117
dBc/Hz
phn10k
Phase noise at 10 kHz
–126
dBc/Hz
phn100k
Phase noise at 100 kHz
–128
dBc/Hz
phn1M
Phase noise at 1 MHz
–139
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
472
fs
Tj
Total jitter
31.54
ps
Dj
Deterministic jitter
9.12
ps
(1)
Phase noise specifications under following conditions: input frequency = 31.2500 MHz, output frequency = 156.25 MHz.
Table 5. Phase Noise Data with LVCMOS Input of 35.4167 MHz and LVPECL Output at 212.50 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–105
dBc/Hz
phn1k
Phase noise at 1 kHz
–115
dBc/Hz
phn10k
Phase noise at 10 kHz
–119
dBc/Hz
phn100k
Phase noise at 100 kHz
–123
dBc/Hz
phn1M
Phase noise at 1 MHz
–135
dBc/Hz
phn10M
Phase noise at 10 MHz
–148
dBc/Hz
phn20M
Phase noise at 20 MHz
–148
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
512
fs
Tj
Total jitter
33.96
ps
Dj
Deterministic jitter
13.78
ps
(1)
Phase noise specifications under following conditions: input frequency = 35.4167 MHz, output frequency = 212.50 MHz.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


유사한 부품 번호 - CDC421A156

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

유사한 설명 - CDC421A156

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com