전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVD1212RHAR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVD1212RHAR
상세설명  2:12 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1212RHAR 데이터시트(HTML) 4 Page - Texas Instruments

  CDCLVD1212RHAR Datasheet HTML 1Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 2Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 3Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 4Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 5Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 6Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 7Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 8Page - Texas Instruments CDCLVD1212RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CDCLVD1212
SCAS901B – SEPTEMBER 2010 – REVISED JANUARY 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
°C
THERMAL INFORMATION
CDCLVD1212
THERMAL METRIC(1)
UNITS
RHA (40 PINS)
qJA
Junction-to-ambient thermal resistance
31.0
qJC(top)
Junction-to-case(top) thermal resistance
28.7
qJB
Junction-to-board thermal resistance
9.3
°C/W
yJT
Junction-to-top characterization parameter
0.4
yJB
Junction-to-board characterization parameter
9.3
qJC(bottom)
Junction-to-case(bottom) thermal resistance
3.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
At VCC = 2.375V to 2.625V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IN_SEL CONTROL INPUT CHARACTERISTICS
VdI3
3 State
Open
0.5×VCC
V
VdIH
Input high voltage
0.7×VCC
V
VdIL
Input low voltage
0.2×VCC
V
IdIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
30
mA
IdIL
Input low current
VCC = 2.625 V, VIL = 0 V
–30
mA
Rpull(IN_SEL)
Input pull-up/ pull-down resistor
200
k
Ω
2.5V LVCMOS (see Figure 7) INPUT CHARACTERISTICS
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.5
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20%–80%
1.5
V/ns
CIN
Input capacitance
2.5
pF
DIFFERENTIAL INPUT CHARACTERISTICS
fIN
Input frequency
Clock input
800
MHz
VIN, DIFF
Differential input voltage peak-to-peak
VICM = 1.25 V
0.3
1.6
VPP
VICM
Input common mode voltage range
VIN, DIFF, PP > 0.4 V
1.0
VCC – 0.3
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20%–80%
0.75
V/ns
CIN
Input capacitance
2.5
pF
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD1212


유사한 부품 번호 - CDCLVD1212RHAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTT TI1-CDCLVD1213RGTT Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1216RGZR TI1-CDCLVD1216RGZR Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
More results

유사한 설명 - CDCLVD1212RHAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com