전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

325705B00000G 데이터시트(PDF) 26 Page - Aavid, Thermal Division of Boyd Corporation

부품명 325705B00000G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

325705B00000G 데이터시트(HTML) 26 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 325705B00000G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
26
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
FIGURE A
SMT Footprints
10.67
(0.420)
15.49
(0.610)
10.41
(0.410)
2.29
(0.090)
7.62
(0.300)
15.49
(0.610)
1.40
(0.060)
0.80
(0.030)
W
W
L
1
2
FIGURE B
FIGURE D
FIGURE C
L
W
16.76
(0.660)
2.54
(0.100)
10.67
(0.420)
20.32
(0.800)
2.54
(0.100)
Recommended copper heat speader drain pad footprint
Recommended heat sink solder mask opening
Note: The thickness of
the drain pad is variable
depending on the amount
of heat generated by the
SMT device, design limita-
tions and process.
Part Number
“L”
“W”
573100
9.53 (0.375)
13.97 (0.550)
573300
14.22 (0.560)
16.26 (0.640)
573400
14.22 (0.560)
21.08 (0.830)
Part Number
“L”
“W1”
“W2”
573100
9.02 (0.355)
13.46 (0.530)
8.89 (0.350)
573300
13.72 (0.540)
15.75 (0.620)
11.18 (0.440)
573400
13.72 (0.540)
20.57 (0.810)
16.00 (0.630)
Recommended copper pad size
for heat sink and device mounting footprint
For D Pak (TO-263)
For MO-184 and SO-10
Recommended copper pad size
for heat sink and device mounting footprint


유사한 부품 번호 - 325705B00000G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
325705B00000G AAVID-325705B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

유사한 설명 - 325705B00000G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com