전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

325705B00000G 데이터시트(PDF) 60 Page - Aavid, Thermal Division of Boyd Corporation

부품명 325705B00000G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

325705B00000G 데이터시트(HTML) 60 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 325705B00000G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation 325705B00000G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
60
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6396, 6398, 6399, 6400
High power extruded heat sink with large radial fins
High power extruded heat sink
with large radial fins and solder-
able shoulder pins allows vertical
mounting without stress on the
device leads. Available with shoul-
der pins to provide fixed clearance
between the bottom of the heat
sink and the board. Available in
four heights for TO-220, TO-218,
TO-247and multiwatt devices.
1.57
(0.062)
25.40
(1.000)
41.91
(1.650)
19.05
(0.750)
2.41
(0.095)
1.27
(0.050)
2.46
(0.097)
5.49
(0.216)
"A"
3.81
(0.150)
REF
REF
25.40
(1.000)
0.78
(0.031)
ø
SEE DETAIL A
P2 MODEL ONLY
DETAIL A
P2 MODEL ONLY
3.96
(0.156)
2.21
(0.087)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6398
6396
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
6396BG
Extruded heat sink with large radial fins and straight pins
25.40 (1.000)
2.89 (0.114)
6396B-P2G
With solderable shoulder pins
25.40 (1.000)
3.10 (0.122)
6398BG
Extruded heat sink with large radial fins and straight pins
38.10 (1.500)
2.89 (0.114)
6398B-P2G
With solderable shoulder pins
38.10 (1.500)
3.10 (0.122)
6399BG
Extruded heat sink with large radial fins and straight pins
50.80 (2.000)
2.89 (0.114)
6399B-P2G
With solderable shoulder pins
50.80 (2.000)
3.10 (0.122)
6400BG
Extruded heat sink with large radial fins and straight pins
63.50 (2.500)
2.89 (0.114)
6400B-P2G
With solderable shoulder pins
63.50 (2.500)
3.10 (0.122)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6400
6399
Dia of PCB
Plated Thru
Hole for Pins
6380, 6381, 6382
High power extruded heat sink
High power extruded heat sink
for SIP packages. Solderable pins
allow vertical mounting without
stress on the device leads. Available
in three heights. Can also be used
for dual TO-220, TO-218, TO-247
and multiwatt devices.
18.29
(0.720)
3.96
(0.156)
19.86
(0.782)
9.93
(0.391)
3.81
(0.150)
33.05
(1.301)
31.74
(1.250)
25.40
(1.000)
28.70
(1.130)
41.91
(1.650)
2.64
(0.104)
11.91
(0.469)
1.58
(0.062)
ø
"A"
2.21
(0.087)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6381
6382
6380
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
6380BG
Extruded heat sink with solderable pins
25.40 (1.000)
2.89 (0.114)
6381BG
Extruded heat sink with solderable pins
38.10 (1.500)
2.89 (0.114)
6382BG
Extruded heat sink with solderable pins
50.80 (2.000)
2.89 (0.114)
Dia of PCB
Plated Thru
Hole for Pins
TO-220 & TO-218 & TO-247 & Multiwatt Heat Sinks
For additional options see page 85
For additional options see page 85
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99


유사한 부품 번호 - 325705B00000G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
325705B00000G AAVID-325705B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

유사한 설명 - 325705B00000G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com