전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP1102RGTT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP1102RGTT
상세설명  Two LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1102RGTT 데이터시트(HTML) 3 Page - Texas Instruments

  CDCLVP1102RGTT Datasheet HTML 1Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 2Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 3Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 4Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 5Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 6Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 7Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 8Page - Texas Instruments CDCLVP1102RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDCLVP1102
www.ti.com
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS: LVCMOS Input
(1)
At VCC = 2.375 V to 3.6 V and TA = –40°C to +85°C (unless otherwise noted).
CDCLVP1102
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.8
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
μA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
μA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 3 and Figure 4 show dc test setup.
ELECTRICAL CHARACTERISTICS: Differential Input
(1)
At VCC = 2.375 V to 3.6 V and TA = –40°C to +85°C (unless otherwise noted).
CDCLVP1102
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
Clock input
2000
MHz
fIN ≤ 1.5 GHz
0.1
1.5
V
VIN, DIFF, PP
Differential input peak-peak voltage
1.5 GHz
≤ fIN ≤ 2 GHz
0.2
1.5
V
VICM
Input common-mode level
1.0
VCC – 0.3
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
μA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
μA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 5 and Figure 6 show dc test setup. Figure 7 shows ac test setup.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVP1102


유사한 부품 번호 - CDCLVP1102RGTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

유사한 설명 - CDCLVP1102RGTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com