전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP1216 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP1216
상세설명  16 LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1216 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDCLVP1216 Datasheet HTML 3Page - Texas Instruments CDCLVP1216 Datasheet HTML 4Page - Texas Instruments CDCLVP1216 Datasheet HTML 5Page - Texas Instruments CDCLVP1216 Datasheet HTML 6Page - Texas Instruments CDCLVP1216 Datasheet HTML 7Page - Texas Instruments CDCLVP1216 Datasheet HTML 8Page - Texas Instruments CDCLVP1216 Datasheet HTML 9Page - Texas Instruments CDCLVP1216 Datasheet HTML 10Page - Texas Instruments CDCLVP1216 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=2.375V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.1
1.2
1.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=3.0V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
CDCLVP1216
www.ti.com
SCAS877C
– MAY 2009 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS
At TA = –40°C to +85°C (unless otherwise noted).
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 1.
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 2.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVP1216


유사한 부품 번호 - CDCLVP1216

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAR TI-CDCLVP1212RHAR Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAT TI-CDCLVP1212RHAT Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results

유사한 설명 - CDCLVP1216

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com