전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD25401Q3 데이터시트(PDF) 2 Page - Texas Instruments

부품명 CSD25401Q3
상세설명  P-Channel NexFET??Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25401Q3 데이터시트(HTML) 2 Page - Texas Instruments

  CSD25401Q3 Datasheet HTML 1Page - Texas Instruments CSD25401Q3 Datasheet HTML 2Page - Texas Instruments CSD25401Q3 Datasheet HTML 3Page - Texas Instruments CSD25401Q3 Datasheet HTML 4Page - Texas Instruments CSD25401Q3 Datasheet HTML 5Page - Texas Instruments CSD25401Q3 Datasheet HTML 6Page - Texas Instruments CSD25401Q3 Datasheet HTML 7Page - Texas Instruments CSD25401Q3 Datasheet HTML 8Page - Texas Instruments CSD25401Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD25401Q3
SLPS211B – AUGUST 2009 – REVISED OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = –250mA
–20
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = –20V to –16V
–1
mA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = ±12V
–100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = –250mA
–0.6
–0.85
–1.2
V
VGS = –2.5V, ID = –10A
13.5
18.2
m
RDS(on)
Drain to Source On Resistance
VGS = –4.5V, ID = –10A
8.8
11.7
m
gfs
Transconductance
VDS = –15V, ID = –10A
43
S
Dynamic Characteristics
CISS
Input Capacitance
1070
1400
pF
VGS = 0V, VDS = –10V,
COSS
Output Capacitance
560
730
pF
f = 1MHz
CRSS
Reverse Transfer Capacitance
180
230
pF
Qg
Gate Charge Total (4.5V)
8.8
12.3
nC
Qgd
Gate Charge Gate to Drain
2.1
nC
VDS = –10V, ID = –10A
Qgs
Gate Charge Gate to Source
2.1
nC
Qg(th)
Gate Charge at Vth
0.9
nC
QOSS
Output Charge
VDS = –10V, VGS = 0V
8.2
nC
td(on)
Turn On Delay Time
8.1
ns
tr
Rise Time
3.9
ns
VDS = –10V, VGS = –4.5V,
ID = –10A , RG = 5.1Ω
td(off)
Turn Off Delay Time
13.5
ns
tf
Fall Time
12.6
ns
Diode Characteristics
VSD
Diode Forward Voltage
IS = –10A, VGS = 0V
–0.7
–1
V
Qrr
Reverse Recovery Charge
17.4
nC
VDD = –12.5V, IF = –10A,
di/dt = 300A/ms
trr
Reverse Recovery Time
21
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
R qJC
Thermal Resistance Junction to Case(1) (2)
2.8
°C/W
R qJA
Thermal Resistance Junction to Ambient(1) (2)
57
°C/W
(1)
R qJC is determined with the device mounted on a 1 inch
2 Cu (2 oz.) pad on a 1.5 × 1.5 in 0.060 inch thick FR4 board. R
qJC is specified
by design while R qJA is determined by the user’s board design.
(2)
Device mounted on FR4 Material with 1 inch2 of Cu (2 oz.).
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CSD25401Q3


유사한 부품 번호 - CSD25401Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3AT TI1-CSD25402Q3AT Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD25401Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16412Q5A TI-CSD16412Q5A Datasheet
346Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com