전자부품 데이터시트 검색엔진 |
|
CD0836G25 데이터시트(PDF) 7 Page - Cooper Bussmann, Inc. |
|
CD0836G25 데이터시트(HTML) 7 Page - Cooper Bussmann, Inc. |
7 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com 8 Centre Bolted Tags 415 - 550V ac / 2 - 1250A 250V dc Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics Applications: General Industrial & Motors applications AC / BC 550V ac / 2 - 63A 250 V dc (except gM) Catalogue Numbers Industrial & Motor Applications to BS88 Ratings: Agency information: Meets BS88: Part 1 & 2 (1988), IEC 269: Parts 1 (1986) RoHS Compliant AD / BD / CD / DD / ED 550V ac / 2 - 400A 415V ac (Types gM, DD, ED) 250 V dc (Types AD, BD) Catalogue Numbers Type Rating (A) Catalogue Number Class Fixing Centres mm Unit Packing AC 2 AC2 gG 97.5 20 4 AC4 6 AC6 10 AC10 16 AC16 20 AC20 25 AC25 32 AC32 BC 40 BC40 gG 97.5 20 50 BC50 63 BC63 63M80 BC63M80 gM 63M100 BC63M100 Dimensions Part No Dimensions A B C D E F G H K AC 113.5 97.5 55.5 21.0 1.6 12.7 13.5 7.0 11.2 AD 128.5 111 55.0 21.0 1.4 14.2 11.8 8.7 11.2 BC 113.5 97.5 55.0 21.0 1.6 7.0 13.5 12.7 11.2 BC63M BD 128.5 111 55.0 21.0 1.4 14.2 11.8 8.7 11.2 CD 126 111 58.5 21.0 3.2 14.3 11.1 8.7 19.5 CD100M125 & CD100M160 26.0 22.0 CD100M200 136 47.0 31.0 19.0 12.5 2.5 DD 136 111 47.0 31.0 3.2 19.0 12.5 9.0 22.5 DD200M ED250 136 111 47.0 31.0 4.7 19.0 12.5 9.0 22.5 ED315 50.0 38.0 25.4 31.0 ED315M4009.0 ED400M500 75.0 59.0 Type Rating (A) Catalogue Number Class Ref BS Fixing Centres mm Unit Packing AD 2 AD2 gG N/A 111 20 4 AD4 6 AD6 10 AD10 16 AD16 20 AD20 25 AD25 32 AD32 BD 40 BD40 gG N/A 111 20 50 BD50 63 BD63 CD 80 CD80 gG B1 111 10 100 CD100 100M125 CD100M125 gM 100M160 CD100M160 100M200 CD100M200 DD 125 DD125 gG B2 111 5 160 DD160 200 DD200 200M250 DD200M250 gM 200M315 DD200M315 250 ED250 gG B3/B4 111 1 315 ED315 355 ED355 400 ED400 315M400 ED315M400 gM 400M500 ED400M500* ED Volts: - 415 - 550V ac / 250V dc Amps: - 2 - 1250A IR - 40kA @ 250V dc - 80kA @ 415 / 550V ac *-550V ac Data Sheets: AC: 4110 / BC: 4113 / AD: 4111 / BD: 4114 / CD: 4116 / DD: 4118 / ED: 4119 |
유사한 부품 번호 - CD0836G25 |
|
유사한 설명 - CD0836G25 |