전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC241 데이터시트(PDF) 3 Page - Crydom Inc.,

부품명 LC241
상세설명  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYDOM [Crydom Inc.,]
홈페이지  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

LC241 데이터시트(HTML) 3 Page - Crydom Inc.,

  LC241 Datasheet HTML 1Page - Crydom Inc., LC241 Datasheet HTML 2Page - Crydom Inc., LC241 Datasheet HTML 3Page - Crydom Inc., LC241 Datasheet HTML 4Page - Crydom Inc., LC241 Datasheet HTML 5Page - Crydom Inc., LC241 Datasheet HTML 6Page - Crydom Inc., LC241 Datasheet HTML 7Page - Crydom Inc., LC241 Datasheet HTML 8Page - Crydom Inc., LC241 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
I/O Modules & Boards
Quality
Assurance conducts ongoing
product
reliability
verification
tests,
gathering precise data on the quality of our
power semiconductor vendors and the
silicon chips they provide. Additional tests
are performed to meet specific customer
burn-in requirements.
Crydom tests are exhaustive, including
100% verification at final test. After units
are completely assembled, they must pass a
complete set of electrical tests, which are
performed twice, once prior to encapsulation
and then again afterward.
Because of our dedication to quality, Crydom
was one of the first American companies to
achieve full certification to the demanding
standards of ISO 9001. In addition, most
Crydom products are approved by UL, CSA,
VDE, TUV and carry the CE Mark signifying
conformance with the latest European
directives. Certain panel mount and din rail
mount relays carry UL 508A SCCR ratings.
Learn how an alliance with the world leader in
solid state relays can pay off for you. For
details,
call
your
authorized
Crydom
distributor today.
PCB Mount
ASO
ASPF
CMX
CTX
CX/CXE
CX241/MCX241
D2W
DIP
DO/DMO
DPA
LC
LR
LS
MCX/MCXE
MP
MPDCD3
MPF
PF
SDV/SDI
SPA
SPF
UPD
Panel Mount
53TP
D06D
PRG
CS
DUAL/QUAD
PS
CMD/CMA
EZ
Series 1
CW
H12
SMR/SMR-6
D12/D24, A12/A24 HD/HA
SSC
D1D/D2D/D4D/D5D HD60/HA60
Heat Sinks
DC60
NTD/NTA
Accessories
DIN Rail Mount
CKR
CMR
HPF
MS11
Solid State Control Relays
CPV
PCV
DSD/DLD
RPC
LPCV
SST
MC
06
M
SM
C4
Quads
Mounting Boards


유사한 부품 번호 - LC241

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
LC241 SEOUL-LC241 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC241 SEOUL-LC241 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC241 SEOUL-LC241 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC241 SEOUL-LC241 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC241 SEOUL-LC241 Datasheet
378Kb / 14P
   RED LAMP LED
More results

유사한 설명 - LC241

제조업체부품명데이터시트상세설명
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com