전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL74LV245D 데이터시트(PDF) 3 Page - System Logic Semiconductor

부품명 SL74LV245D
상세설명  OCTAL BUS TRANSCEIVER (3-State)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLS [System Logic Semiconductor]
홈페이지  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV245D 데이터시트(HTML) 3 Page - System Logic Semiconductor

  SL74LV245D Datasheet HTML 1Page - System Logic Semiconductor SL74LV245D Datasheet HTML 2Page - System Logic Semiconductor SL74LV245D Datasheet HTML 3Page - System Logic Semiconductor SL74LV245D Datasheet HTML 4Page - System Logic Semiconductor SL74LV245D Datasheet HTML 5Page - System Logic Semiconductor SL74LV245D Datasheet HTML 6Page - System Logic Semiconductor SL74LV245D Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL74LV245
System Logic
Semiconductor
SLS
DC CHARACTERISTICS
Test
VCC,
Limits
Symbol
Parameter
conditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min
max
min
max
min
max
VIH
HIGH level input
voltage
VO = VCC-0.1 V
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL
LOW level output
voltage
VO =0.1 V
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VOH
HIGH level output
voltage
VI = VIH or VIL
IO = -50
µÀ
1.2
2.0
3.0
3.6
1.1
1.92
2.92
3.52
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
V
VI = VIH or VIL
IO = -8 mÀ
3.0
2.48
-
2.34
-
2.20
-
V
VOL
LOW level output
voltage
VI = VIH or VIL
IO = 50
µÀ
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.09
-
-
-
-
0.1
0.1
0.1
0.09
V
VI = VIH or VIL
IO = 8 mÀ
3.0
-
0.33
-
0.4
-
0.5
V
II
Input current
VI = VCC or 0 V
3.6
-
±0.1
-
±1.0
-
±1.0
µÀ
IOZ
OFF-state current 3-state outputs
VI = VIL or VIH
VO =VCC or 0 V
3.6
-
±0.5
-
±5
-
±10
µÀ
ICC
Supply current
VI =VCC or 0 V
IO = 0
µÀ
3.6
-
8.0
-
80
-
160
µÀ


유사한 부품 번호 - SL74LV245D

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV244DW SLS-SL74LV244DW Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
SL74LV244N SLS-SL74LV244N Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

유사한 설명 - SL74LV245D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com