전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM101AJAN 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM101AJAN
상세설명  LM101AJAN Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AJAN 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM101AJAN Datasheet HTML 3Page - Texas Instruments LM101AJAN Datasheet HTML 4Page - Texas Instruments LM101AJAN Datasheet HTML 5Page - Texas Instruments LM101AJAN Datasheet HTML 6Page - Texas Instruments LM101AJAN Datasheet HTML 7Page - Texas Instruments LM101AJAN Datasheet HTML 8Page - Texas Instruments LM101AJAN Datasheet HTML 9Page - Texas Instruments LM101AJAN Datasheet HTML 10Page - Texas Instruments LM101AJAN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM101A
JAN Electrical Characteristics (Continued)
DC Parameters (Continued)
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
Sub-
groups
CMRR
Common Mode Rejection Ratio V
CC = ±35V to ±5V,
V
CM = ±15V
80
dB
1, 2, 3
+V
IO Adj
Adjustment for Input Offset
Voltage
4.0
mV
1, 2, 3
-V
IO Adj
Adjustment for Input Offset
Voltage
-4.0
mV
1, 2, 3
+I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = -15V
-60
mA
1, 2, 3
-I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = +15V
+60
mA
1, 2, 3
I
CC
Power Supply Current
+V
CC = 15V, -VCC = -15V
3.0
mA
1
2.32
mA
2
3.5
mA
3
∆V
IO /
∆T
Temperature Coefficient of
Input Offset Voltage
-55˚C
≤ T
A
≤ +25˚C
(Note 6)
-18
+18
µV/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 6)
-15
+15
µV/˚C
3
∆ I
IO /
∆T
Temperature Coefficient of
Input Offset Current
-55˚C
≤ T
A
≤ +25˚C
(Note 6)
-200
+200
pA/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 6)
-100
+100
pA/˚C
3
-A
VS
Large Signal (Open Loop)
Voltage Gain
R
L =2K
Ω,V
O = -15V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
R
L = 10K
Ω,V
O = -15V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
+A
VS
Large Signal (Open Loop)
Voltage Gain
R
L =2K
Ω,V
O = +15V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
R
L = 10K
Ω,V
O = +15V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
A
VS
Large Signal (Open Loop)
Voltage Gain
V
CC = ±5V, RL =2K
Ω,
V
O = ±2V
(Note 7)
10
V/mV
4, 5, 6
V
CC = ±5V, RL = 10K
Ω,
V
O = ±2V
(Note 7)
10
V/mV
4, 5, 6
+V
OP
Output Voltage Swing
R
L = 10K
Ω,V
CM = -20V
+16
V
4, 5, 6
R
L =2K
Ω,V
CM = -20V
+15
V
4, 5, 6
-V
OP
Output Voltage Swing
R
L = 10K
Ω,V
CM = 20V
-16
V
4, 5, 6
R
L =2K
Ω,V
CM = 20V
-15
V
4, 5, 6
AC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
+SR
Slew Rate
A
V =1,VI = -5V to +5V
0.3
V/µS
7
-SR
Slew Rate
A
V =1,VI = +5V to -5V
0.3
V/µS
7
TR
TR
Rise Time
A
V =1,VI = 50mV
800
nS
7
TR
OS
Overshoot
A
V =1,VI = 50mV
25
%
7
NI
BB
Noise Broadband
BW = 10Hz to 5KHz, R
S =0
15
µV
RMS
7
NI
PC
Noise Popcorn
BW = 10Hz to 5KHz,
R
S = 100K
80
µV
PK
7
www.national.com
6


유사한 부품 번호 - LM101AJAN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM101AJAN TI1-LM101AJAN Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
LM101AJAN TI1-LM101AJAN_13 Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
More results

유사한 설명 - LM101AJAN

제조업체부품명데이터시트상세설명
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com