전자부품 데이터시트 검색엔진 |
|
LM158AJLQML 데이터시트(PDF) 5 Page - Texas Instruments |
|
LM158AJLQML 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 27 page Electrical Characteristics (Continued) V + = +5.0V, (Note 4), unless otherwise stated Parameter Conditions LM158A LM358A LM158/LM258 Units Min Typ Max Min Typ Max Min Typ Max Large Signal Voltage V + = +15V 25 15 25 V/mV Gain (V O = 1V to 11V) R L ≥ 2kΩ Output V OH V + = +30V R L =2 k Ω 26 26 26 V Voltage (LM2904, V + = 26V) R L =10 k Ω 27 28 27 28 27 28 V Swing V OL V + = 5V, R L =10 k Ω 520 5 20 520 mV Output Current Source V IN + = +1V, V IN − = 0V, 10 20 10 20 10 20 mA V + = 15V, V O =2V Sink V IN − = +1V, V IN + = 0V, 10 15 5 8 5 8 mA V + = 15V, V O =2V Electrical Characteristics V + = +5.0V, (Note 4), unless otherwise stated Parameter Conditions LM358 LM2904 Units Min Typ Max Min Typ Max Large Signal Voltage V + = 15V, T A = 25˚C, Gain R L ≥ 2kΩ, (For V O = 1V 25 100 25 100 V/mV to 11V) Common-Mode T A = 25˚C, 65 85 50 70 dB Rejection Ratio V CM = 0VtoV +−1.5V Power Supply V + = 5Vto30V Rejection Ratio (LM2904, V + = 5V 65 100 50 100 dB to 26V), T A = 25˚C Amplifier-to-Amplifier f = 1 kHz to 20 kHz, T A = 25˚C −120 −120 dB Coupling (Input Referred), (Note 8) Output Current Source V IN + = 1V, 20 40 20 40 mA V IN − = 0V, V + = 15V, V O = 2V, TA = 25˚C Sink V IN − = 1V, V IN + =0V V + = 15V, T A = 25˚C, 10 20 10 20 mA V O =2V V IN − = 1V, 12 50 12 50 µA V IN + =0V T A = 25˚C, VO = 200 mV, V + = 15V Short Circuit to Ground T A = 25˚C, (Note 2), 40 60 40 60 mA V + = 15V Input Offset Voltage (Note 5) 9 10 mV Input Offset Voltage R S =0 Ω 7 7 µV/˚C Drift Input Offset Current I IN(+) −IIN(−) 150 45 200 nA Input Offset Current R S =0 Ω 10 10 pA/˚C Drift Input Bias Current I IN(+) or IIN(−) 40 500 40 500 nA Input Common-Mode V + = 30 V, (Note 7) 0V +−2 0 V + −2 V Voltage Range (LM2904, V + = 26V) www.national.com 4 |
유사한 부품 번호 - LM158AJLQML |
|
유사한 설명 - LM158AJLQML |