전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM185BYH2.5-SMD 데이터시트(HTML) 5 Page - Texas Instruments

부품명 LM185BYH2.5-SMD
상세내용  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

LM185BYH2.5-SMD 데이터시트(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
/ 14 page
 5 / 14 page
background image
LM185–2.5 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
2.462 2.538
V
1
I
R = 30µA
2.425 2.575
V
2, 3
I
R = 1mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
I
R = 20mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
20µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
30µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
-1.0
-0.4
V
1
DC Drift Parameters
Delta calculations performed on QMLV devices at group B , subgroup 5, unless otherwise specified on IPI.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
-10
10
mV
1
I
R = 20mA
-10
10
mV
1
LM185BY–2.5 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
2.462 2.538
V
1
I
R = 30µA
2.425 2.575
V
2, 3
I
R = 1mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
I
R = 20mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
20µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
30µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
−1.0
−0.4
V
1
T
C
Temperature Coefficient
(Note 4)
50
PPM/˚C
2, 3
DC Drift Parameters
Delta calculations performed on QMLV devices at group B , subgroup 5, unless otherwise specified on IPI.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref 1
Reverse Breakdown Voltage
I
R = 20µA
-10
10
mV
1
V
Ref 2
Reverse Breakdown Voltage
I
R = 20mA
-10
10
mV
1
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn