전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM185BYH2.5-SMD 데이터시트(HTML) 8 Page - Texas Instruments

부품명 LM185BYH2.5-SMD
상세내용  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

LM185BYH2.5-SMD 데이터시트(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 14 page
 8 / 14 page
background image
Applications
Wide Input Range Reference
20156212
Micropower Reference from 9V Battery
20156202
Micropower 5V Reference (Note 5)
20156209
Note 5: IQ . 40 µA
Micropower 10V Reference (Note 6)
20156210
Note 6: IQ . 30 µA standby current
www.national.com
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn