전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM193H-MLS 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM193H-MLS
상세설명  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM193H-MLS 데이터시트(HTML) 4 Page - Texas Instruments

  LM193H-MLS Datasheet HTML 1Page - Texas Instruments LM193H-MLS Datasheet HTML 2Page - Texas Instruments LM193H-MLS Datasheet HTML 3Page - Texas Instruments LM193H-MLS Datasheet HTML 4Page - Texas Instruments LM193H-MLS Datasheet HTML 5Page - Texas Instruments LM193H-MLS Datasheet HTML 6Page - Texas Instruments LM193H-MLS Datasheet HTML 7Page - Texas Instruments LM193H-MLS Datasheet HTML 8Page - Texas Instruments LM193H-MLS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
+
36V
Differential Input Voltage (Note 8)
36V
Input Voltage
−0.3V to +36V
Input Current (V
IN<−0.3V) (Note 3)
50 mA
Power Dissipation (Note 1)
Molded DIP
780 mW
Metal Can
660 mW
Small Outline Package
510 mW
micro SMD Pacakge
568mW
Output Short-Circuit to Ground
(Note 2)
Continuous
Operating Temperature Range
LM393
0˚C to +70˚C
LM293
−25˚C to +85˚C
LM193/LM193A
−55˚C to +125˚C
LM2903
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
+260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
215˚C
Vapor Phase (60 seconds)
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD rating
(1.5 k
Ω in series with 100 pF)
1300V
Electrical Characteristics
(V
+=5V, T
A = 25˚C, unless otherwise stated)
Parameter
Conditions
LM193A
Units
Min
Typ
Max
Input Offset Voltage
(Note 9)
1.0
2.0
mV
Input Bias Current
I
IN(+) or IIN(−) with Output In Linear
25
100
nA
Range, V
CM = 0V (Note 5)
Input Offset Current
I
IN(+)−IIN(−) VCM = 0V
3.0
25
nA
Input Common Mode
V+ = 30V (Note 6)
0
V
+−1.5
V
Voltage Range
Supply Current
R
L=
V
+=5V
0.4
1
mA
V
+=36V
1
2.5
mA
Voltage Gain
R
L
≥15 kΩ,V+=15V
50
200
V/mV
V
O = 1Vto11V
Large Signal Response
V
IN=TTL Logic Swing, VREF=1.4V
300
ns
Time
V
RL=5V, RL=5.1 k
Response Time
V
RL=5V, RL=5.1 k
Ω (Note 7)
1.3
µs
Output Sink Current
V
IN(−)=1V, VIN(+)=0, VO
≈1.5V
6.0
16
mA
Saturation Voltage
V
IN(−)=1V, VIN(+)=0, ISINK
≤4 mA
250
400
mV
Output Leakage Current
V
IN(−)=0, VIN(+)=1V, VO=5V
0.1
nA
Electrical Characteristics
(V
+=5V, T
A = 25˚C, unless otherwise stated)
Parameter
Conditions
LM193
LM293, LM393
LM2903
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
1.0
5.0
1.0
5.0
2.0
7.0
mV
Input Bias Current
I
IN(+) or IIN(−) with Output In
25
100
25
250
25
250
nA
Linear Range, V
CM = 0V (Note 5)
Input Offset Current
I
IN(+)−IIN(−) VCM = 0V
3.0
25
5.0
50
5.0
50
nA
Input Common Mode
V+ = 30V (Note 6)
0
V+−1.5
0
V+−1.5
0
V+−1.5
V
Voltage Range
www.national.com
3


유사한 부품 번호 - LM193H-MLS

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM193H-MLS NSC-LM193H-MLS Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
More results

유사한 설명 - LM193H-MLS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com