전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM340SX-12 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM340SX-12
상세설명  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM340SX-12 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM340SX-12 Datasheet HTML 2Page - Texas Instruments LM340SX-12 Datasheet HTML 3Page - Texas Instruments LM340SX-12 Datasheet HTML 4Page - Texas Instruments LM340SX-12 Datasheet HTML 5Page - Texas Instruments LM340SX-12 Datasheet HTML 6Page - Texas Instruments LM340SX-12 Datasheet HTML 7Page - Texas Instruments LM340SX-12 Datasheet HTML 8Page - Texas Instruments LM340SX-12 Datasheet HTML 9Page - Texas Instruments LM340SX-12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM140 Electrical Characteristics (Note 4) (Continued)
−55˚C
≤ T
J
≤ +150˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min Typ
Max
Min
Typ
Max Min Typ
Max
Ripple Rejection
I
O
≤ 1A, T
J = 25˚C
or
68
80
61
72
60
70
dB
f = 120 Hz
I
O
≤ 500 mA,
68
61
60
dB
−55˚C
≤ T
J
≤+150˚C
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 18)
(15
≤ V
IN
≤ 25)
(18.5
≤ V
IN
28.5)
V
R
O
Dropout Voltage
T
J = 25˚C, IO = 1A
2.0
2.0
2.0
V
Output Resistance
f=1kHz
8
18
19
m
Short-Circuit
Current
T
J = 25˚C
2.1
1.5
1.2
A
Peak Output
Current
T
J = 25˚C
2.4
2.4
2.4
A
Average TC of
V
OUT
0˚C
≤ T
J
≤ +150˚C, I
O = 5 mA
−0.6
−1.5
−1.8
mV/˚C
V
IN
Input Voltage
T
J = 25˚C, IO
≤ 1A
Required to
Maintain
7.5
14.6
17.7
V
Line Regulation
LM340 Electrical Characteristics (Note 4)
0˚C
≤ T
J
≤ +125˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max Min
Typ Max Min Typ
Max
V
O
Output Voltage
T
J = 25˚C, 5 mA
≤ I
O
≤ 1A
4.8
5
5.2
11.5
12
12.5 14.4
15
15.6
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.75
5.25 11.4
12.6 14.25
15.75
V
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20)
(14.5
≤ V
IN
27)
(17.5
≤ V
IN
≤ 30)
V
∆V
O
Line Regulation
I
O = 500 mA
T
J = 25˚C
3
50
4
120
4
150
mV
∆V
IN
(7
≤ V
IN
≤ 25)
(14.5
≤ V
IN
30)
(17.5
≤ V
IN
≤ 30)
V
0˚C
≤ T
J
≤ +125˚C
50
120
150
mV
∆V
IN
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27) (18.5 ≤ V
IN
≤ 30)
V
I
O
≤ 1A
T
J = 25˚C
50
120
150
mV
∆V
IN
(7.5
≤ V
IN
≤ 20)
(14.6
≤ V
IN
27)
(17.7
≤ V
IN
≤ 30)
V
0˚C
≤ T
J
≤ +125˚C
25
60
75
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
50
12
120
12
150
mV
250 mA
≤ I
O
≤ 750 mA
25
60
75
mV
5mA
≤ I
O
≤ 1A, 0˚C ≤ T
J
+125˚C
50
120
150
mV
I
Q
Quiescent Current
I
O
≤ 1A
T
J = 25˚C
8
8
8
mA
0˚C
≤ T
J
≤ +125˚C
8.5
8.5
8.5
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO
≤ 1A
1.0
1.0
1.0
mA
www.national.com
5


유사한 부품 번호 - LM340SX-12

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM340SX-12 NSC-LM340SX-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI1-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

유사한 설명 - LM340SX-12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com