전자부품 데이터시트 검색엔진 |
|
LM2901VQDRQ1 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
LM2901VQDRQ1 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 9 page LM2901-Q1, LM2901AV-Q1, LM2901V-Q1 QUADRUPLE DIFFERENTIAL COMPARATOR SLCS142D − DECEMBER 2003 − REVISED APRIL 2008 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ MIN TYP MAX UNIT Non A devices 25 °C 2 7 V Input offset voltage VIC = VICR(min), V 14 V Non-A devices Full range 15 mV VIO Input offset voltage VO = 1.4 V, VCC = 5 V to MAX§ A suffix devices 25 °C 1 2 mV VCC = 5 V to MAX§ A-suffix devices Full range 4 I Input offset current V 14 V 25 °C 5 50 nA IIO Input offset current VO = 1.4 V Full range 200 nA I Input bias current V 14 V 25 °C −25 −250 nA IIB Input bias current VO = 1.4 V Full range −500 nA V Common-mode input-voltage 25 °C 0 to VCC−1.5 V VICR Common mode input voltage range Full range 0 to VCC−2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 25 100 V/mV I High level output current V 1V VOH = 5 V 25 °C 0.1 50 nA IOH High-level output current VID = 1 V VOH = VCC MAX§ Full range 1 μA V Low level output voltage V 1V I 4mA 25 °C 150 400 mV VOL Low-level output voltage VID = −1 V, IOL = 4 mA Full range 700 mV IOL Low-level output current VID = −1 V, VOL = 1.5 V 25 °C 6 16 mA ICC Supply current VO = 2.5 V, VCC = 5 V 25 °C 0.8 2 mA ICC Supply current (four comparators) VO = 2.5 V, No load VCC = MAX§ 25 °C 1 2.5 mA † All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ Full range (MIN to MAX) for LM2901 is −40 °C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. § VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL connected to 5 V through 5.1 kΩ, 100-mV input step with 5-mV overdrive 1.3 μs Response time RL connected to 5 V through 5.1 kΩ, CL = 15 pF¶, See Note 6 TTL-level input step 0.3 μs ¶ CL includes probe and jig capacitance. NOTE 6: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
유사한 부품 번호 - LM2901VQDRQ1 |
|
유사한 설명 - LM2901VQDRQ1 |