전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2902QDREP(2) 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM2902QDREP(2)
상세설명  QUADRUPLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902QDREP(2) 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2902QDREP(2) Datasheet HTML 2Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 3Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 4Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 5Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 6Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 7Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 8Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 9Page - Texas Instruments LM2902QDREP(2) Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
TA(2)
LM2902KV-EP
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP(3)
MAX
25
°C
3
7
Non-A
VCC = 5 V to 32 V,
devices
Full range
10
VIO
Input offset voltage
VIC = VICRmin, VO =
mV
25
°C
1
3
A-suffix
1.4 V
devices
Full range
4.5
∆V
IO/∆T
Temperature drift
RS = 0 Ω
Full range
7
µV/°C
VO = 1.4 V
25
°C
2
50
IIO
Input offset current
nA
Full range
150
∆V
IO/∆T
Temperature drift
Full range
10
pA/
°C
VO = 1.4 V
25
°C
–20
–250
IIB
Input bias current
nA
Full range
–500
0 to
25
°C
VCC– 1.5
Common-mode input voltage
VICR
VCC = 5 V to 32 V
V
range
0 to
Full range
VCC– 2
RL = 10 kΩ
25
°C
VCC– 1.5
VOH
High-level output voltage
VCC = 32 V,
RL = 2 kΩ
Full range
26
V
VCC = 32 V,
RL≥ 10 kΩ
Full range
27
VOL
Low-level output voltage
RL = 10 kΩ
Full range
5
20
mV
VCC = 15 V, VO = 1 V to 11 V,
25
°C
25
100
Large-signal differential
AVD
V/mV
RL≥ 2 kΩ
voltage amplification
Full range
15
Amplifier-to-amplifier
f = 1 kHz to 20 kHz, input referred
25
°C
120
dB
coupling(4)
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
60
80
dB
Supply-voltage rejection ratio
kSVR
25
°C
60
100
dB
(
∆V
CC /∆VIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
dB
VCC = 15, VID = 1 V,
VO = 0
25
°C
–20
–30
mA
Full range
–10
VCC = 15 V, VID = -1 V, VO = 15 V
25
°C
10
20
IO
Output current
mA
Full range
5
VID = –1 V,
VO = 200
25
°C
12
40
µA
mV
VCC at 5 V,
VO = 0,
IOS
Short-circuit output current
25
°C
±40
±60
mA
GND at –5 V
VO = 2.5 V,
No load
Full range
0.7
1.2
Supply current (four
ICC
mA
VCC = 32 V,
No load
amplifiers)
Full range
1.4
3
VO = 0.5 VCC,
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55
°C to 125°C.
(3)
All typical values are at TA = 25°C.
(4)
Due to proximity of external components, ensure that coupling is not originating via stray capacitance between these external parts.
Typically, this can be detected, as this type of coupling increases at higher frequencies.
6
Submit Documentation Feedback


유사한 부품 번호 - LM2902QDREP(2)

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2902QDREP TI1-LM2902QDREP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
More results

유사한 설명 - LM2902QDREP(2)

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com